Electronic Components Datasheet Search
  English  ▼

X  

PAC7640 Datasheet(PDF) 5 Page - Pixart Imaging Inc.

Part # PAC7640
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640 Datasheet(HTML) 5 Page - Pixart Imaging Inc.

  PAC7640 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Table 1. PAC7640LT Pin Description (Cont’d)
Pin No.
Symbol
Type
Description
Function
System Interface
A5
SYS_CLK
Input
System clock input.
Function
Control Interface
B6
I2C_SCL
Input
I2C clock pin. Default state: input need external pull up.
C6
I2C_SDA
BiDir
I2C data pin. Default state: input need external pull up.
Function
Data Interface
F2
CLK_TX_P
Output
MIPI CSI-2 transmitter clock lane.
MIPI D-PHY physical layer.
F3
CLK_TX_N
Output
F4
DATA_TX_P
Output
MIPI CSI-2 transmitter data lane.
MIPI D-PHY physical layer.
F5
DATA_TX_N
Output
Function
Functional I/O
A4
FOD_TRI
Input
Functional at FOD mode, a high pulse to trigger sending a number of frames.
Default state: Hi-Z.
B3
RESETB
Input
Chip reset, active low.
Default state: input with internal 100k ohm pull up.
B4
FSYNC
BiDir
Frame synchronization function.
Master: output a high pulse at the end of sensor exposure.
Slave: input, detect a high pulse to synchronize frame, will enter readout state
immediately.
Default state: Hi-Z.
D6
LED_STRB
Output
LED switch control, active high. Connect to a NMOS switch.
Default state: output.
C4
TEST1
Output
For test mode Description.
Default state: Hi-Z.
C5
TEST2
Output
Function
Reserved I/O
B5
RSV
-
Reserved. Default state: input with internal 100k ohm pull down.
C1
Reserved. Default state: Hi-Z.
D1
D3
D4
D5
E1
E6
F1
Note: The default state is after applying initialization setting in PAC7640_initial.asc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com