Electronic Components Datasheet Search
  English  ▼

X  

PAC7640 Datasheet(PDF) 8 Page - Pixart Imaging Inc.

Part # PAC7640
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640 Datasheet(HTML) 8 Page - Pixart Imaging Inc.

Back Button PAC7640 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 12Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
Table 4. Thermal Specifications
Parameters
Symbol
Min.
Typ.
Max.
Unit
Notes
Storage Temperature
TS
-25
-
125
°C
Lead-free Solder Temperature
TP
-
-
245
°C
Refer to Error! Reference
source not found.
3.3
Electrical Characteristics
Table 5. DC Electrical Specifications
Electrical Characteristics are defined under recommended operating conditions. Typical VDD28=2.8V, VDDIO=1.8V, VDD15=1.5V, TA = 25°C
Parameters
Symbol
Min.
Typ.
Max.
Unit
Notes
Power Consumption for
Single Sensor
Note: Tested at
fsysclk=9.6MHz. PixArt
reserves the right to
update these values
PRst
-
5
-
μW At Reset mode.
PRdy1
-
2.7
-
mW At Ready mode.
PSlp
-
15
158
μW At Sleep mode.
PStmF120
-
65
80
mW At Stream mode, full resolution, 120 fps, LDC Off.
PStmF60
-
33
-
mW At Stream mode, full resolution, 60 fps, LDC Off.
PStmF30
-
17
-
mW At Stream mode, full resolution, 30 fps, LDC Off.
PStmF1
-
1.6
-
mW At Stream mode, full resolution, 1 fps, LDC Off.
PStmF120G
-
73
-
mW At Stream mode, full resolution, 120 fps, LDC On.
PStmF60G
-
37
-
mW At Stream mode, full resolution, 60 fps, LDC On.
PStmF30G
-
19
-
mW At Stream mode, full resolution, 30 fps, LDC On.
PStmF1G
-
1.7
-
mW At Stream mode, full resolution, 1 fps, LDC On.
PStmQ240
-
55
-
mW At Stream mode, 1/4 resolution, 240 fps, LDC Off.
PStmQ60
-
15
-
mW At Stream mode, 1/4 resolution, 60 fps, LDC Off.
PStmQ240G
-
60
-
mW At Stream mode, 1/4 resolution, 240 fps, LDC On.
PStmQ60G
-
16
-
mW At Stream mode, 1/4resolution, 60 fps, LDC On.
PFod120
6
mW
At FOD mode, full resolution, 120 fps, LDC Off.
Average power in 10 seconds.
I/O Input High Voltage
VIH
0.7* VDDIO
-
-
V
I/O Input Low Voltage
VIL
-
-
0.3* VDDIO
V
I/O Output High Voltage
VOH
0.9* VDDIO
-
-
V
@IOH = 4.5mA
I/O Output Low Voltage
VOL
-
-
0.1* VDDIO
V
@IOL = 4.5mA
Peak Analog Supply
Current
IDDA_Peak-
-
-
100
mA
Peak Digital Supply
Current
IDDD_Peak-
-
-
100
mA
Peak I/O Supply Current IDDIO_Peak
-
-
500
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com