Electronic Components Datasheet Search
  English  ▼

X  

PAC7640 Datasheet(PDF) 15 Page - Pixart Imaging Inc.

Part # PAC7640
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640 Datasheet(HTML) 15 Page - Pixart Imaging Inc.

Back Button PAC7640 Datasheet HTML 9Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 10Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 11Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 12Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 13Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 14Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 15Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 16Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 17Page - Pixart Imaging Inc.  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
6.0 Registers List
Table 12. Bank-0 Registers Summary
Switch to Register Bank-0 by writing 0x00 to Reg0x7F
Address
Register Function
Access Default Address
Register Function
Access Default
0x00
Chip part ID
RO
0x03
0x91
LSC coefficients
R/W
0x00
0x01
RO
0x61
0x92
R/W
0x00
0x02
Chip version ID
RO
0xXX
0x93
R/W
0x08
0x03
ISP fast mapping coefficients
R/W
0x00
0x94
R/W
0x0A
0x09
Operation mode control
R/W
0x00
0x95
R/W
0x02
0x0A
Number of frames in FOD mode
R/W
0x05
0x96
R/W
0xF1
0x0B
FSYNC mode control
R/W
0x00
0x97
R/W
0xDF
0x10
Current operation mode readout
RO
0x00
0x98
R/W
0xCF
0x11
Number of frames for FSYNC skip
R/W
0x00
0x99
R/W
0xBE
0x14
Enable Sleep timer (used in READY state)
R/W
0x00
0x9A
R/W
0xBA
0x15
Sleep timer duration
R/W
0xE8
0x9B
R/W
0xBF
0x16
R/W
0x03
0x9C
R/W
0xBF
0x20
AE configuration
R/W
0x10
0x9D
R/W
0xC5
0x21
AE convergence range control
R/W
0x80
0x9E
R/W
0x42
0x22
R/W
0x08
0xA4
Bad pixel correction enable control
R/W
0x01
0x23
R/W
0x10
0xA5
BPC threshold
R/W
0x80
0x24
R/W
0x10
0xA8
Transform-domain noise reduction
enable control
R/W
0x00
0x28
AE window control
R/W
0x00
0xA9
Noise reduction coefficients
R/W
0x14
0x29
R/W
0x00
0xAA
R/W
0x20
0x2A
R/W
0x64
0xAB
R/W
0x30
0x2B
R/W
0x64
0xAC
R/W
0x48
0x30
AE gain control
R/W
0x14
0xAD
R/W
0x70
0x31
R/W
0x00
0xAE
R/W
0xB0
0x32
R/W
0x00
0xAF
R/W
0xE0
0x33
R/W
0x04
0xB1
R/W
0x11
0x34
AE exposure time control
R/W
0x8C
0xB4
WOI enable control
R/W
0x00
0x35
R/W
0x00
0xB5
WOI size control
R/W
0x90
0x36
R/W
0x00
0xB6
R/W
0x01
0x37
R/W
0xEA
0xB7
R/W
0x90
0x38
R/W
0x1E
0xB8
R/W
0x01
0x39
R/W
0x07
0xB9
WOI offset control
R/W
0x00
0x3A
Max analog gain control
R/W
0x01
0xBA
R/W
0x00
0x48
Y average value in current frame
RO
-
0xBB
R/W
0x00
0x6D
Sleep mode control
R/W
0x00
0xBC
R/W
0x00
0x80
ISP enable control
R/W
0x01
0xBE
Lens distortion correction enable
control
R/W
0x00
0x8A
ISP test image (test mode)
R/W
0x00
0x90
Lens shading correction enable control
R/W
0x01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com