Electronic Components Datasheet Search
  English  ▼

X  

PAC7640 Datasheet(PDF) 1 Page - Pixart Imaging Inc.

Part # PAC7640
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640 Datasheet(HTML) 1 Page - Pixart Imaging Inc.

  PAC7640 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
PixArt Imaging Inc.
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
PAC7640: Enhanced QE Global Shutter Image Sensor
General Description
PAC7640 is a global shutter image sensor with enhanced
Quantum Efficiency (QE) in the NIR region. PAC7640 is
well suited for applications where conservation of NIR
LED power is critical. It features 400x400 resolution with
image capture capability of 120 frame per second (fps) at
full resolution.
The sensor comes with an integrated image sensor ISP. In
addition, the PAC7640 also allows for multiple camera
synchronization, which makes it suitable for 3D stereo
type applications. All ISP functionalities can be controlled
through register settings via I2C.
Key Features
 Ultra-low power consumption
 Enhanced QE in NIR region
 FSYNC signal to synchronize sensors
 Data format: Full 8/10 bit RAW
 MIPI CSI2 for data interface
 Programmable MIPI virtual channels
 I2C with speed up to 400 kbit/s as control interface
 Configurable LED Pulse width
 Register programmable device ID
 Image Signal Processing (ISP) features
 Lens distortion correction (LDC)
 Lens shading correction (LSC)
 Auto Exposure and Gain Control
 Intensity Histogram
Applications
 3D Stereo type mapping
 Gesture recognition
 Face recognition
Key Parameters
Parameter
Value
Array Size (pixels)
400 x 400
Pixel Size (µm)
3.0 x 3.0
Shutter Type
Electronic global shutter
Max Frame Rate (fps)
120 at full resolution
Signal to Noise Ratio, SNR
(dB)
38.8
Dynamic Range (dB)
51.4
Sensitivity (V/Lux-sec)
7.5 @ 3100K
Quantum Efficiency (%)
40.0 (at 850 nm)
18.2 (at 940 nm)
Input Clock (MHz)
9.6, 14/12.8/19.2
Supply Voltage (V)
Analog: 2.8V
Digital: 1.5V
I/O: 1.8V
Power Consumption
65 mW @ 120fps
2.7 mW @ Standby
15 uW @ Sleep mode
Operating Temperature, Tj
(°C)
-20 to +70
Package Type
Chip Scale Package (CSP)
Package Dimension (mm)
3.42 x 3.42 x 0.76
Ordering Information
Part Number
Description
PAC7640LT
36-balls CSP. Available in Tray
packing.
For any additional inquiries, please contact us at
http://www.pixart.com/contact.asp.


Similar Part No. - PAC7640

ManufacturerPart #DatasheetDescription
logo
Pixart Imaging Inc.
PAC7010 PIXART-PAC7010 Datasheet
382Kb / 5P
motion tracing ASIC
logo
Freescale Semiconductor...
PAC7101 FREESCALE-PAC7101 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
PAC7106 FREESCALE-PAC7106 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
PAC7111 FREESCALE-PAC7111 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
PAC7112 FREESCALE-PAC7112 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
More results

Similar Description - PAC7640

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOIP1SN025KA ONSEMI-NOIP1SN025KA Datasheet
682Kb / 87P
Global Shutter CMOS Image Sensors
September, 2015 ??Rev. 0
NOIP1SN1300A ONSEMI-NOIP1SN1300A_17 Datasheet
781Kb / 84P
MegaPixels Global Shutter CMOS Image Sensors
November, 2017 ??Rev. 4
PYTHON480 ONSEMI-PYTHON480 Datasheet
853Kb / 69P
Megapixel Global Shutter CMOS Image Sensor
July, 2017 ??Rev. 1
logo
ams AG
CMV20000 AMSCO-CMV20000 Datasheet
2Mb / 48P
20 Megapixel global shutter CMOS image sensor
logo
ON Semiconductor
PYTHON300 ONSEMI-PYTHON300 Datasheet
50Kb / 2P
CMOS Image Sensor, Global Shutter, 0.3 MP (VGA)
8/5/2016
logo
ams AG
CSG14K_CSG8K AMSCO-CSG14K_CSG8K Datasheet
2Mb / 113P
13.8Mp_8.3Mp High Speed Global Shutter CMOS Image Sensor
v1-00 2020-Dec-15
MIRA030 AMSCO-MIRA030 Datasheet
2Mb / 50P
0.3MP Global Shutter CMOS Image Sensor
v2-00 2021-Sep-14
MIRA130 AMSCO-MIRA130 Datasheet
1Mb / 53P
1.3 MP NIR Enhanced Global Shutter CMOS Image Sensor
v5-00 2022-Apr-05
MIRA220 AMSCO-MIRA220 Datasheet
629Kb / 9P
1/2.7” 2.2MP NIR Enhanced Global Shutter Image
v2-00 2022-Oct-06
MIRA050 AMSCO-MIRA050 Datasheet
474Kb / 10P
1/7” Compact 0.5 MP NIR Enhanced Global Shutter Image
v1-01 2022-Dec-21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com