Electronic Components Datasheet Search
  English  ▼

X  

PAC7640 Datasheet(PDF) 3 Page - Pixart Imaging Inc.

Part # PAC7640
Description  Enhanced QE Global Shutter Image Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PIXART [Pixart Imaging Inc.]
Direct Link  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

PAC7640 Datasheet(HTML) 3 Page - Pixart Imaging Inc.

  PAC7640 Datasheet HTML 1Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 2Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 3Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 4Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 5Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 6Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 7Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 8Page - Pixart Imaging Inc. PAC7640 Datasheet HTML 9Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
PixArt Imaging Inc.
PAC7640 Product Datasheet
Enhanced QE Global Shutter Image Sensor
Version 1.1 | 11 Sep 2015 | 41002EN
PixArt Imaging Inc. http://www.pixart.com
All rights reserved. Any portion in this paper shall not be reproduced, copied, or transformed to any other forms without permission.
1.0 Introduction
1.1
System Overview
The PAC7640 is based on CMOS image sensor technology. It is designed to meet the increasingly demanding needs for
computer vision in 3D Stereo type mapping or mobile devices. Figure 1 illustrates a typical system application diagram. All
the image sensing, signal processing, timing synchronization are handled by the PAC7640.
PAC7640 can be configured to produce different frame rate and should the system require multiple camera (through the
use of FSYNC), the image output from each camera can be configured to output at a delay to the Host.
DSP, ISP
MIPI TX, CSI2
DSP
(timing logic)
FSYNC
PAC7640LT
Host
Controller
Sensor,
Frontend
AEC/AGC
DSP, ISP
MIPI TX, CSI2
DSP
(timing logic)
FSYNC
PAC7640LT
Sensor,
Frontend
AEC/AGC
Multiple Sensors Application
Virtual
Channel 0
Virtual
Channel 1
DSP, ISP
MIPI TX, CSI2
DSP
(timing logic)
PAC7640LT
Host
Controller
Sensor,
Frontend
AEC/AGC
Single Sensor Application
Virtual
Channel 0
Figure 1. System Overview
1.2
Block Diagram
IMAGE SENSOR
DIGITAL
SIGNAL
PROCESSOR
I2C_SCL
I2C_SDA
LED CONTROL
VSS/VDGND/VNEG/VGND_MIPI
LED_STRB
2.8V POWER
VDD28
SERIAL
INTERFACE
VDD28_MIPI
1.5V POWER
VDD15
VDD15_MIPI
VDDIO
1.8V POWER
SYS_CLK
RESET
RESETB
DATA_TX_P
DATA_TX_N
CLK_TX_P
CLK_TX_N
FRAME SYNC
FSYNC
POWER
SUPPLY
AEC/AGC
ADC
IMAGE
SIGNAL
PROCESSOR
MIPI
INTERFACE
CONTROL REGISTER
CLOCK GEN
FOD
TRIGGER
FOR_TRI
Figure 2. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com