| Electronic Components Datasheet Search |
|
TC9447F Datasheet(PDF) 8 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC9447F Datasheet(HTML) 8 Page - Toshiba Semiconductor |
|
8 / 44 page ![]() TC9447F 2002-02-05 8 2. Microcontroller interface (1) Standard transmission mode 1 When I2CS = L, data can be transmitted or received in Standard Transmission mode. When the CS signal is Low, control from the microcontroller is enabled. The IFCK signal is the transmit/receive clock. The IFDI signal is the data. The TC9447F loads the IFDI data on the IFCK signal rising edge. When CS = H, the IFCK and IFDI signals are don't care. (1-1) Setting registers The registers are set by command data using the IFDI signal. The first byte is a command, which differs for each register. The data sent after that are fixed to two bytes. Both command and data are sent starting from the MSB. The ACK signal is the acknowledge signal that the TC9447F returns to the microcontroller. Because the ACK signal is open drain output, it must be pulled up outside the pin. Data are loaded on the rising edge of the IFCK signal. Note that commands or data that must be switched on the SYNC signal, such as the RUN command or the IFF flag, must be synchronized with the SYNC signal and loaded on that signal. (1-2) Setting RAM (sequential) The RAMs are set by command data using the IFDI signal. The first byte is a command, which differs for each RAM. The next two bytes contain the start address for the RAM written. The length of the data field following the RAM address bytes is 2 × n bytes. The address is automatically incremented by 1. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |