Electronic Components Datasheet Search
  English  ▼

X  

TC9447F Datasheet(PDF) 21 Page - Toshiba Semiconductor

Part # TC9447F
Description  Single-Chip Audio Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9447F Datasheet(HTML) 21 Page - Toshiba Semiconductor

Back Button TC9447F Datasheet HTML 17Page - Toshiba Semiconductor TC9447F Datasheet HTML 18Page - Toshiba Semiconductor TC9447F Datasheet HTML 19Page - Toshiba Semiconductor TC9447F Datasheet HTML 20Page - Toshiba Semiconductor TC9447F Datasheet HTML 21Page - Toshiba Semiconductor TC9447F Datasheet HTML 22Page - Toshiba Semiconductor TC9447F Datasheet HTML 23Page - Toshiba Semiconductor TC9447F Datasheet HTML 24Page - Toshiba Semiconductor TC9447F Datasheet HTML 25Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
TC9447F
2002-02-05
21
COMMAND-44h
(RUN-MUTE)
0100 0100
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
0
0
RUN
0
DF
MUTE
DA
MUTE IMUTE
SO-
MUTE
OMUTE
1
OMUTE
0
Name
Description
Value
Operation
0
Stops program (initial value).
RUN ASP program execution
1
Runs program.
0
Mute off
DF
MUTE
DF block mute
1
Mute on (initial value)
0
Mute off
DA
MUTE
DAC mute (all four channels)
1
Mute on (initial value)
0
Mute off
IMUTE ASP block input mute (SI0, SI1)
1
Mute on (initial value)
0
Mute off
SO-
MUTE
ASP block serial output mute (Mutes
DOUT output whichever register is
selected in CHSO.)
1
Mute on (initial value)
0
Mute off
OMUTE
1
ASP block output mute (SO1)
1
Mute on (initial value)
0
Mute off
OMUTE
0
ASP block output mute (SO0)
1
Mute on (initial value)
COMMAND-45h
(MSEQ)
0100 0101
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
0
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
Name
Description
Value
Operation
MSA
[9:0]
Sequential RAM address
000h
~
3FFh
Set sequential RAM.
Enable a sequential write to RAM.
COMMAND-46h
(MSEQ)
0100 0110
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Name
Description
Value
Operation
D
[15:0] CRAM
0000h
~
FFFFh
Set CRAM.
Enable a sequential write to RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com