Electronic Components Datasheet Search
  English  ▼

X  

TC9447F Datasheet(PDF) 26 Page - Toshiba Semiconductor

Part # TC9447F
Description  Single-Chip Audio Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9447F Datasheet(HTML) 26 Page - Toshiba Semiconductor

Back Button TC9447F Datasheet HTML 22Page - Toshiba Semiconductor TC9447F Datasheet HTML 23Page - Toshiba Semiconductor TC9447F Datasheet HTML 24Page - Toshiba Semiconductor TC9447F Datasheet HTML 25Page - Toshiba Semiconductor TC9447F Datasheet HTML 26Page - Toshiba Semiconductor TC9447F Datasheet HTML 27Page - Toshiba Semiconductor TC9447F Datasheet HTML 28Page - Toshiba Semiconductor TC9447F Datasheet HTML 29Page - Toshiba Semiconductor TC9447F Datasheet HTML 30Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
TC9447F
2002-02-05
26
COMMAND-55h
(MON-CRP)
0101 0101
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
0
0
0
0
0
0
0
0
0
0
00000 CRP
8
CRP
7
CRP
6
CRP
5
CRP
4
CRP
3
CRP
2
CRP
1
CRP
0
Name
Description
Value
Operation
CRP
[8:0]
CRP (LIN-LOG
adjustment pointer)
monitor
000000h~0001FFh
Reads CRP on the condition CMD: 4Bh, 4Ch.
COMMAND-56h
(MON-SR)
0101 0110
D23 D22 D21 D20 D19 D18 D17 D16 D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0
0
0
0
0
0
0
0
0
0 LRF GF3 GF2 GF1 GF0 LI
LG
LG
LI
OV
1E
OV
0E
RD
24
RD
16 V1F V0F ZF SF
Name
Description
Value
Operation
SR
SR (status register)
monitor
―
Reads SR on the condition CMD: 4Bh, 4Ch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com