Electronic Components Datasheet Search
  English  ▼

X  

TC9447F Datasheet(PDF) 39 Page - Toshiba Semiconductor

Part # TC9447F
Description  Single-Chip Audio Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9447F Datasheet(HTML) 39 Page - Toshiba Semiconductor

Back Button TC9447F Datasheet HTML 35Page - Toshiba Semiconductor TC9447F Datasheet HTML 36Page - Toshiba Semiconductor TC9447F Datasheet HTML 37Page - Toshiba Semiconductor TC9447F Datasheet HTML 38Page - Toshiba Semiconductor TC9447F Datasheet HTML 39Page - Toshiba Semiconductor TC9447F Datasheet HTML 40Page - Toshiba Semiconductor TC9447F Datasheet HTML 41Page - Toshiba Semiconductor TC9447F Datasheet HTML 42Page - Toshiba Semiconductor TC9447F Datasheet HTML 43Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
TC9447F
2002-02-05
39
AC Characteristics (2) Timing
Clock input pins (XI, ECKI)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Clock cycle
tXI
―
―
29
―
―
ns
Clock “H” cycle width
tXIH
―
―
―
14.5
―
ns
Clock “L” cycle width
tXIL
―
―
―
14.5
―
ns
Reset pin ( RST )
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Standby time
tRRS
―
―
10
―
―
ms
Reset pulse width
tWRS
―
―
1.0
―
―
µs
Timing output
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
CKO output delay time
tDFC
―
―
−150
―
150
ns
Audio serial interface (EBCI, DIN, EBCO, DOUT)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
ELRI hold time
tLIH
―
CL = 30 pF
−75
―
75
ns
DIN setup time
tSDI
―
CL = 30 pF
50
―
―
ns
DIN hold time
tHDI
―
CL = 30 pF
50
―
―
ns
EBCI clock cycle
tEBCI
―
CL = 30 pF
300
―
―
ns
EBCI clock “H” cycle width
tEBIH
―
CL = 30 pF
150
―
―
ns
EBCI clock “L” cycle width
tEBIL
―
CL = 30 pF
150
―
―
ns
ELRO hold time
tLOH
―
CL = 30 pF
−75
―
75
ns
DOUT output delay time (1)
tDO1
―
CL = 30 pF
―
―
60
ns
DOUT output delay time (2)
tDO2
―
CL = 30 pF
―
―
60
ns
EBCO clock cycle
tEBCO
―
CL = 30 pF
300
―
―
ns
EBCO clock “H” cycle width
tEBOH
―
CL = 30 pF
150
―
―
ns
EBCO clock “L” cycle width
tEBOL
―
CL = 30 pF
150
―
―
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com