Electronic Components Datasheet Search
  English  ▼

X  

TC9447F Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # TC9447F
Description  Single-Chip Audio Digital Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC9447F Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button TC9447F Datasheet HTML 14Page - Toshiba Semiconductor TC9447F Datasheet HTML 15Page - Toshiba Semiconductor TC9447F Datasheet HTML 16Page - Toshiba Semiconductor TC9447F Datasheet HTML 17Page - Toshiba Semiconductor TC9447F Datasheet HTML 18Page - Toshiba Semiconductor TC9447F Datasheet HTML 19Page - Toshiba Semiconductor TC9447F Datasheet HTML 20Page - Toshiba Semiconductor TC9447F Datasheet HTML 21Page - Toshiba Semiconductor TC9447F Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
TC9447F
2002-02-05
18
(2)
Control commands
COMMAND-40h
(Timing)
0100 0000
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
SYPD SYD1 SYD0 SYPA SYA1 SYA0 SYPS SYS1 SYS0 Unas-
signed
CKOS1
2
CKOS1
1
CKOS1
0
CKOS0
2
CKOS0
1
CKOS0
0
Name
Description
Value
Operation
0
ASP program starts on falling edge
SYPD Digital block sync polarity switching
1
ASP program starts on rising edge (initial value)
0
Signal after SYNC output (initial value)
1
SYNC pin
2
ELRI pin
SYD
[1:0]
ASP digital block SYNC signal input
switching
3
ELRO pin
0
Digital filter (DF) program starts on falling edge (initial value)
SYPA Analog block sync polarity switching
1
Digital filter (DF) program starts on rising edge
0
Signal after SYNC output (initial value)
1
SYNC pin
2
ELRI pin
SYA
[1:0]
Analog block SYNC signal input
switching
3
ELRO pin
0
Operates at polarity for SYPD, SYPA settings above (initial value).
SYPS Overall system sync polarity switching
1
Reverses all polarities for SYPD, SYPA settings above.
0
Internal SYNC signal (initial value)
1
SYNC pin
2
ELRI pin
SYS
[1:0]
SYNC circuit input switching
3
ELRO pin
0
Fixed to L (initial value)
1
fs2
2
fs4
3
fs8
4
fs16
5
fs32
6
fs64
CKOS1
[2:0]
CKO1 pin output selection
7
Outputs XI or ECKI clock divided by 2
0
Fixed to L (initial value)
1
fs2
2
fs4
3
fs8
4
fs16
5
fs32
6
fs64
CKOS0
[2:0]
CKO0 pin output selection
7
fs128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com