Electronic Components Datasheet Search
  English  ▼

X  

FMS6406CS Datasheet(PDF) 6 Page - ON Semiconductor

Part # FMS6406CS
Description  Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6406CS Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FMS6406CS Datasheet HTML 2Page - ON Semiconductor FMS6406CS Datasheet HTML 3Page - ON Semiconductor FMS6406CS Datasheet HTML 4Page - ON Semiconductor FMS6406CS Datasheet HTML 5Page - ON Semiconductor FMS6406CS Datasheet HTML 6Page - ON Semiconductor FMS6406CS Datasheet HTML 7Page - ON Semiconductor FMS6406CS Datasheet HTML 8Page - ON Semiconductor FMS6406CS Datasheet HTML 9Page - ON Semiconductor FMS6406CS Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation

www.fairchildsemi.com
FMS6406 Rev. 4.0.4
Typical Performance Characteristics
Tc = 25°C, Vi = 1Vpp, VCC = 5V, all inputs AC-coupled with 0.1μF, all outputs are AC-coupled with 220μF into
150Ω, referenced to 400kHz; unless otherwise noted.
0
20
40
60
80
140
400kHz
5
10
15
25
20
30
Frequency (MHz)
120
100
10
0
-10
-20
-30
-40
-50
-60
400kHz
5
10
15
25
20
30
Frequency (MHz)
Mkr Frequency
Gain
Ref
400kHz
6dB
1 6.53MHz
-1dB BW
2 7.87MHz
-3dB BW
3 27MHz
-44.66dB
fSB= Gain(ref) – Gain(3) = 50.66dB
3
1
1 2
1 = 8.2MHz (111.35ns)
0
20
40
60
80
140
400kHz
5
10
15
25
20
30
Frequency (MHz)
120
100
10
0
-10
-20
-30
-40
-50
-60
400kHz
5
10
15
25
20
30
Frequency (MHz)
Mkr Frequency
Gain
Ref
400kHz
6dB
1 6.68MHz
-1dB BW
2 7.87MHz
-3dB BW
3 27MHz
-44.41dB
fSB= Gain(ref) – Gain(3) = 50.41dB
3
1
1 2
1 = 8.2MHz (111.16ns)
0
20
40
60
80
140
400kHz
5
10
15
25
20
30
Frequency (MHz)
120
100
10
0
-10
-20
-30
-40
-50
-60
400kHz
5
10
15
25
20
30
Frequency (MHz)
Mkr Frequency
Gain
Ref
400kHz
6dB
1 6.53MHz
-1dB BW
2 7.72MHz
-3dB BW
3 27MHz
-43.49dB
fSB= Gain(ref) – Gain(3) = 49.49dB
1
1 = 8.2MHz (112.84ns)
3
1 2
Figure . Frequency Response CVOUT
Figure 6. Group Delay vs. Frequency CVOUT
Figure . Frequency Response COUT
Figure 4. Group Delay vs. Frequency COUT
Figure . Frequency Response YOUT
Figure . Group Delay vs. Frequency YOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com