Electronic Components Datasheet Search
  English  ▼

X  

FMS6406CS Datasheet(PDF) 3 Page - ON Semiconductor

Part # FMS6406CS
Description  Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6406CS Datasheet(HTML) 3 Page - ON Semiconductor

  FMS6406CS Datasheet HTML 1Page - ON Semiconductor FMS6406CS Datasheet HTML 2Page - ON Semiconductor FMS6406CS Datasheet HTML 3Page - ON Semiconductor FMS6406CS Datasheet HTML 4Page - ON Semiconductor FMS6406CS Datasheet HTML 5Page - ON Semiconductor FMS6406CS Datasheet HTML 6Page - ON Semiconductor FMS6406CS Datasheet HTML 7Page - ON Semiconductor FMS6406CS Datasheet HTML 8Page - ON Semiconductor FMS6406CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation

www.fairchildsemi.com
FMS6406 Rev. 4.0.4
FMS6406 Pin Configuration
FMS6406
8-pin
SOIC
YIN
YOUT
EQ_NOTCH
GND
CVOUT
VCC
1
2
3
8
7
6
COUT
CIN 4
5
Pin Assignments
Pin#
Pin
Type
Description
1
YIN
Input
Luminance (Luma) Input: In a typical
system, this pin is connected to the
Luma or composite video output pin
from the external video encoder.
2
EQ_NOTCH Output
Composite video output to RF
modulator/driver.
3
GND
Input
Ground
4
CIN
Input
Chrominance (Chroma) Input: In a
typical system, this pin is connected
to the Chroma output pin from the
external video encoder.
5
COUT
Output
Filtered Chrominance Video Output
from the CIN channel.
6
CVOUT
Output
Composite Video Output: This pin is
the sum of YOUT and COUT.
7
VCC
Input
+5V supply.
8
YOUT
Output
Filtered Luminance Video Output
from the YIN channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com