Electronic Components Datasheet Search
  English  ▼

X  

FMS6406CS Datasheet(PDF) 7 Page - ON Semiconductor

Part # FMS6406CS
Description  Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6406CS Datasheet(HTML) 7 Page - ON Semiconductor

Back Button FMS6406CS Datasheet HTML 3Page - ON Semiconductor FMS6406CS Datasheet HTML 4Page - ON Semiconductor FMS6406CS Datasheet HTML 5Page - ON Semiconductor FMS6406CS Datasheet HTML 6Page - ON Semiconductor FMS6406CS Datasheet HTML 7Page - ON Semiconductor FMS6406CS Datasheet HTML 8Page - ON Semiconductor FMS6406CS Datasheet HTML 9Page - ON Semiconductor FMS6406CS Datasheet HTML 10Page - ON Semiconductor FMS6406CS Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation
6
www.fairchildsemi.com
FMS6406 Rev. 4.0.4
-2500
1500
1000
500
0
-500
-1000
-1500
-2000
400kHz
5
10
15
25
20
30
Frequency (MHz)
10
5
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
400kHz
5
10
15
25
20
30
Frequency (MHz)
1 = 4.425MHz (198.47ns)
1
1 = 4.425MHz (-16.00dB)
1
-60
-65
-70
-75
-80
-85
-90
-95
-100
200
150
100
50
0
-50
-100
-150
-200
0
1
2
3
5
4
Frequency (MHz)
0
1.0
2.0
4.6
4.0
3.0
Frequency (MHz)
Group Delay @ 3.58MHz = -178ns
-0.3
-0.1
-0.2
1st
2nd
3rd
5th
4th
6th
0.2
0
0.1
-0.3
-0.1
-0.2
0.2
0
0.1
NTSC
1st
2nd
3rd
5th
4th
6th
NTSC
Min = -0.19
Max = 0.16
ppMax = 0.34
Min = -0.17
Max = 0.07
ppMax = 0.25
Typical Performance Characteristics
Tc = 25°C, Vi = 1Vpp, VCC = 5V, HD/N_SD = 0, RSOURCE = 37.5Ω, all inputs AC-coupled with 0.1μF, all outputs
are AC-coupled with 220μF into 150Ω, referenced to 400kHz; unless otherwise noted.
Figure 7. Modulator vs. Frequency Response
Figure 8. Delay Modulator Output
Figure 9. Differential Gain, MODOUT
Figure 0. Differential Phase, MODOUT
Figure . Noise vs. Freq. Modulator Channel
Figure . Group Delay vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com