Electronic Components Datasheet Search
  English  ▼

X  

FMS6406CS Datasheet(PDF) 4 Page - ON Semiconductor

Part # FMS6406CS
Description  Precision S-Video Filter with Summed Composite Output, Sound Trap, and Group Delay Compensation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FMS6406CS Datasheet(HTML) 4 Page - ON Semiconductor

  FMS6406CS Datasheet HTML 1Page - ON Semiconductor FMS6406CS Datasheet HTML 2Page - ON Semiconductor FMS6406CS Datasheet HTML 3Page - ON Semiconductor FMS6406CS Datasheet HTML 4Page - ON Semiconductor FMS6406CS Datasheet HTML 5Page - ON Semiconductor FMS6406CS Datasheet HTML 6Page - ON Semiconductor FMS6406CS Datasheet HTML 7Page - ON Semiconductor FMS6406CS Datasheet HTML 8Page - ON Semiconductor FMS6406CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2006 Fairchild Semiconductor Corporation

www.fairchildsemi.com
FMS6406 Rev. 4.0.4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are
not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the conditi-
ons for actual device operation.
Parameter
Min.
Max.
Unit
VCC
-0.3
6
V
Analog and Digital I/O
-0.3
VCC + 0.3
V
Output Channel - Any One Channel (Do Not Exceed)
100
mA
Notes:
Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if operating conditions are not exceeded.
Reliability Information
Parameter
Min.
Typ.
Max.
Unit
Junction Temperature
150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature (Soldering, 10s)
300
°C
Thermal Resistance (
qJA), JEDEC Standard Multi-layer
Test Boards, Still Air
115
°C/W
Recommended Operating Conditions
Parameter
Min
Typ
Max
Unit
Operating Temperature Range
0
70
°C
VCC Range
+4.75
+5.0
+5.25
V
GND
0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com