Electronic Components Datasheet Search
  English  ▼

X  

AD7352 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 4 Page - Analog Devices

  AD7352 Datasheet HTML 1Page - Analog Devices AD7352 Datasheet HTML 2Page - Analog Devices AD7352 Datasheet HTML 3Page - Analog Devices AD7352 Datasheet HTML 4Page - Analog Devices AD7352 Datasheet HTML 5Page - Analog Devices AD7352 Datasheet HTML 6Page - Analog Devices AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
AD7352
Rev. B | Page 3 of 20
SPECIFICATIONS
VDD = 2.5 V ± 10%, VDRIVE = 2.25 V to 3.6 V, internal reference = 2.048 V, fSCLK = 48 MHz, fSAMPLE = 3 MSPS, TA = TMIN to TMAX1, unless
otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DYNAMIC PERFORMANCE
fIN = 1 MHz sine wave
Signal-to-Noise Ratio (SNR)2
70
71.5
dB
Signal-to-(Noise and Distortion) (SINAD)2
69.5
71
dB
Total Harmonic Distortion (THD)2
−84
−77.5
dB
Spurious Free Dynamic Range (SFDR)2
−85
−78.5
dB
Intermodulation Distortion (IMD)2
fa = 1 MHz + 50 kHz, fb = 1 MHz − 50 KHz
Second-Order Terms
−84
dB
Third-Order Terms
−76
dB
ADC-to-ADC Isolation2
−100
dB
fIN = 1 MHz, fNOISE = 100 kHz to 2.5 MHz
CMRR2
−100
dB
fNOISE = 100 kHz to 2.5 MHz
SAMPLE AND HOLD
Aperture Delay
3.5
ns
Aperture Delay Match
40
ps
Aperture Jitter
16
ps
Full Power Bandwidth
@ 3 dB
110
MHz
@ 0.1 dB
77
MHz
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)2
±0.4
±1
LSB
Differential Nonlinearity (DNL)2
±0.5
±0.99
LSB
Guaranteed no missed codes to 12 bits
Positive Full-Scale Error2
±1
±6
LSB
Positive Full-Scale Error Match2
±2
±8
LSB
Midscale Error2
+5
0/+11
LSB
Midscale Error Match2
±2
±8
LSB
Negative Full-Scale Error2
±1
±6
LSB
Negative Full-Scale Error Match2
±2
±8
LSB
ANALOG INPUT
Fully Differential Input Range (VIN+ and VIN−)
VCM ± VREF/2
V
VCM = common-mode voltage, VIN+ and VIN−
must remain within GND and VDD
Common-Mode Voltage Range
0.5
1.9
V
The voltage around which VIN+ and VIN− are centered
DC Leakage Current
±0.5
±5
μA
Input Capacitance
32
pF
When in track mode
8
pF
When in hold mode
REFERENCE INPUT/OUTPUT
VREF Input Voltage Range
2.048 + 0.1
VDD
V
VREF Input Current
0.3
0.45
mA
When in reference overdrive mode
VREF Output Voltage
2.038
2.058
V
2.048 V ± 0.5% max @ VDD = 2.5 V ± 5%
2.043
2.053
V
2.048 V ± 0.25% max @ VDD = 2.5 V ± 5% and 25°C
VREF Temperature Coefficient
6
20
ppm/°C
VREF Long Term Stability
100
ppm
For 1000 hours
VREF Thermal Hysteresis2
50
ppm
VREF Noise
60
μV rms
VREF Output Impedance
1
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com