Electronic Components Datasheet Search
  English  ▼

X  

AD7352 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7352 Datasheet HTML 13Page - Analog Devices AD7352 Datasheet HTML 14Page - Analog Devices AD7352 Datasheet HTML 15Page - Analog Devices AD7352 Datasheet HTML 16Page - Analog Devices AD7352 Datasheet HTML 17Page - Analog Devices AD7352 Datasheet HTML 18Page - Analog Devices AD7352 Datasheet HTML 19Page - Analog Devices AD7352 Datasheet HTML 20Page - Analog Devices AD7352 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
AD7352
Data Sheet
Rev. B | Page 16 of 20
FULL POWER-DOWN MODE
Full power-down mode is intended for use in applications
where throughput rates slower than those in partial power-
down mode are required because power-up from a full power-
down takes substantially longer than that from a partial power-
down. This mode is more suited to applications in which a
series of conversions performed at a relatively high throughput
rate are followed by a long period of inactivity and, thus, power-
down. When the AD7352 is in full power-down mode, all
analog circuitry is powered down including the on-chip
reference and reference buffers. Full power-down mode is
entered in a similar way as partial power-down mode, except
that the timing sequence shown in Figure 25 must be executed
twice. The conversion process must be interrupted in a similar
fashion by bringing CS high anywhere after the second falling
edge of SCLK and before the 10th falling edge of SCLK. The
device enters partial power-down mode at this point.
To reach full power-down mode, the next conversion cycle must
be interrupted in the same way, as shown in Figure 27. When
CS is brought high in this window of SCLKs, the part fully
powers down. Note that it is not necessary to complete the 14 or
16 SCLKs once CS has been brought high to enter a power-
down mode.
To exit full power-down mode and power-up the AD7352,
perform a dummy conversion, similar to powering up from
partial power-down. On the falling edge of CS, the device begins to
power up as long as CS is held low until after the falling edge of
the 10th SCLK. The required power-up time must elapse before
a conversion can be initiated, as shown in Figure 28.
SCLK
CS
SDATAA
SDATAB
INVALID DATA
VALID DATA
110
14
14
1
THE PART BEGINS
TO POWER UP.
THE PART IS FULLY POWERED UP;
SEE THE POWER-UP TIMES SECTION.
tPOWER-UP1
Figure 26. Exiting Partial Power-Down Mode
THREE-STATE
110
14
2
SCLK
CS
SDATAA
SDATAB
THREE-STATE
110
14
2
INVALID DATA
INVALID DATA
THE PART BEGINS
TO POWER UP.
THE PART ENTERS
PARTIAL POWER-DOWN MODE.
THE PART ENTERS
FULL POWER-DOWN MODE.
Figure 27. Entering Full Power-Down Mode
SCLK
SDATAA
SDATAB
INVALID DATA
VALID DATA
1
10
14
14
1
THE PART BEGINS
TO POWER UP.
tPOWER-UP2
CS
THE PART IS FULLY POWERED UP;
SEE THE POWER-UP TIMES SECTION.
Figure 28. Exiting Full Power-Down Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com