Electronic Components Datasheet Search
  English  ▼

X  

AD7352 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7352 Datasheet HTML 11Page - Analog Devices AD7352 Datasheet HTML 12Page - Analog Devices AD7352 Datasheet HTML 13Page - Analog Devices AD7352 Datasheet HTML 14Page - Analog Devices AD7352 Datasheet HTML 15Page - Analog Devices AD7352 Datasheet HTML 16Page - Analog Devices AD7352 Datasheet HTML 17Page - Analog Devices AD7352 Datasheet HTML 18Page - Analog Devices AD7352 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
AD7352
Data Sheet
Rev. B | Page 14 of 20
+2.048V
+1.024V
GND
–2.048V
–5V
AD8138
OP177
RG1
RS*
RS*
RG2
RF2
VOCM
RF1
2.048V
VINx–
VDRIVE
VDD
VINx+
1.024V
0V
2.048V
1.024V
0V
AD7352
CF2
CF1
10kΩ
10kΩ
10µF
10µF
REFA/REFB
*MOUNT AS CLOSE TO THE AD7352 AS POSSIBLE.
RS = 33Ω; RG1 = RG2 = RF1 = RF2 = 499Ω
CF1 = CF2 = 39pF
+5V
+2.5V
+5V
+2.25V TO +3.6V
–5V
+2.048V
AGND DGND
Figure 20. Using the AD8138 as a Single-Ended-to-Differential Amplifier
If the analog inputs source being used has zero impedance, all
four resistors (RG1, RG2, RF1, and RF2) should be the same value
as each other. If the source has a 50 Ω impedance and a 50 Ω
termination, for example, increase the value of RG2 by 25 Ω to
balance this parallel impedance on the input and thus ensure
that both the positive and negative analog inputs have the
same gain. The outputs of the amplifier are perfectly matched,
balanced differential outputs of identical amplitude, and are
exactly 180° out of phase.
Op Amp Pair
An op amp pair can be used to directly couple a differential
signal to one of the analog input pairs of the AD7352. The
circuit configurations in Figure 21 and Figure 22 show how an
op amp pair can be used to convert a single-ended signal into
a differential signal for both a bipolar and unipolar input signal,
respectively.
The voltage applied to Point A sets up the common-mode
voltage. In both diagrams, it is connected in some way to the
reference. The AD8022 is a suitable dual op amp that could be
used in this configuration to provide differential drive to the
AD7352.
GND
VREF p-p
27Ω
27Ω
V+
V–
V+
V–
1.024V
2.048V
0V
1.024V
2.048V
0V
REFA/REFB
VIN+
AD7352*
VIN–
220Ω
10µF
*ADDITIONAL PINS OMITTED FOR CLARITY.
220Ω
220Ω
10kΩ
10kΩ
A
220Ω
VREF
2
Figure 21. Dual Op Amp Circuit to Convert a Single-Ended Unipolar Signal
into a Differential Signal
GND
2 × VREF p-p
27Ω
27Ω
V+
V–
V+
V–
1.024V
2.048V
0V
1.024V
2.048V
0V
REFA/REFB
VIN+
AD7352*
VIN–
220Ω
10µF
*ADDITIONAL PINS OMITTED FOR CLARITY.
220Ω
220Ω
20kΩ
A
440Ω
10kΩ
220Ω
Figure 22. Dual Op Amp Circuit to Convert a Single-Ended Bipolar Signal into
a Differential Unipolar Signal
VOLTAGE REFERENCE
The AD7352 allows the choice of a very low temperature drift
internal voltage reference or an external reference. The internal
2.048 V reference of the AD7352 provides excellent perfor-
mance and can be used in almost all applications. When the
internal reference is used, the reference voltage is present on
the REFA and REFB pins. These pins should be decoupled to
REFGND with 10 μF capacitors. The internal reference voltage
can be used elsewhere in the system, provided it is buffered
externally.
The REFA and REFB pins can also be overdriven with an
external voltage reference if desired. The applied reference
voltage can range from 2.048 V + 100 mV to VDD. A common
choice would be to use an external 2.5 V reference such as the
ADR441 or ADR431.
ADC TRANSFER FUNCTION
The output coding for the AD7352 is straight binary. The designed
code transitions occur at successive LSB values (1 LSB, 2 LSBs,
and so on). The LSB size is (2 × VREF)/4096. The ideal transfer
characteristic is shown in Figure 23.
000 ... 000
000 ... 001
000 ... 010
111 ... 101
111 ... 110
111 ... 111
ANALOG INPUT
–VREF + 0.5 LSB
–VREF + 1 LSB
+VREF – 1.5 LSB
+VREF – 1 LSB
Figure 23. AD7352 Ideal Transfer Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com