Electronic Components Datasheet Search
  English  ▼

X  

AD7352 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 1 Page - Analog Devices

  AD7352 Datasheet HTML 1Page - Analog Devices AD7352 Datasheet HTML 2Page - Analog Devices AD7352 Datasheet HTML 3Page - Analog Devices AD7352 Datasheet HTML 4Page - Analog Devices AD7352 Datasheet HTML 5Page - Analog Devices AD7352 Datasheet HTML 6Page - Analog Devices AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Differential Input, Dual, Simultaneous
Sampling, 3 MSPS, 12-Bit, SAR ADC
Data Sheet
AD7352
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2008–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual 12-bit SAR ADC
Simultaneous sampling
Throughput rate: 3 MSPS per channel
Specified for VDD at 2.5 V
No conversion latency
Power dissipation: 26 mW at 3 MSPS
On-chip reference: 2.048 V ± 0.25%, 6 ppm/°C
Dual conversion with read
High speed serial interface: SPI-/QSPI™-/MICROWIRE™-/ DSP-
compatible
−40°C to +125°C operation
Available in a 16-lead TSSOP
APPLICATIONS
Data acquisition systems
Motion control
I and Q demodulation
FUNCTIONAL BLOCK DIAGRAM
SCLK
AD7352
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
12-BIT
SUCCESSIVE
APPROXIMATION
ADC
CONTROL
LOGIC
SDATAA
CS
SDATAB
DGND
REFGND
AGND
VDRIVE
VDD
AGND
T/H
T/H
BUF
BUF
REF
VINA+
VINA–
REFA
VINB+
VINB–
REFB
Figure 1.
GENERAL DESCRIPTION
The AD73521 is a dual, 12-bit, high speed, low power, successive
approximation ADC that operates from a single 2.5 V power
supply and features throughput rates up to 3 MSPS. The part
contains two ADCs, each preceded by a low noise, wide band-
width track-and-hold circuit that can handle input frequencies
in excess of 110 MHz.
The conversion process and data acquisition use standard
control inputs allowing for easy interfacing to microprocessors
or DSPs. The input signal is sampled on the falling edge of CS;
and a conversion is also initiated at this point. The conversion
time is determined by the SCLK frequency.
The AD7352 uses advanced design techniques to achieve very
low power dissipation at high throughput rates. With a 2.5 V
supply and a 3 MSPS throughput rate, the part consumes 10 mA
typically. The part also offers a flexible power/throughput rate
management options.
The analog input range for the part is the differential common-
mode ±VREF/2. The AD7352 has an on-chip 2.048 V reference
that can be overdriven when an external reference is preferred.
The AD7352 is available in a 16-lead thin shrink small outline
package (TSSOP).
PRODUCT HIGHLIGHTS
1. Two Complete ADC Functions.
These functions allow simultaneous sampling and conversion
of two channels. The conversion result of both channels is
simultaneously available on separate data lines or in suc-
cession on one data line if only one serial port is available.
2. High Throughput With Low Power Consumption.
The AD7352 offers a 3 MSPS throughput rate with 26 mW
power consumption.
3. No Conversion Latency.
The AD7352 features two standard successive
approximation ADCs with accurate control of the sampling
instant via a CS input and, once off, conversion control.
Table 1. Related Devices
Generic
Resolution
Throughput
Analog Input
AD7356
12-bit
5 MSPS
Differential
AD7357
14-bit
4.2MSPS
Differential
AD7266
12-bit
2 MSPS
Differential/single-ended
AD7866
12-bit
1 MSPS
Single-ended
AD7366
12-bit
1 MSPS
Single-ended bipolar
AD7367
14-bit
1 MSPS
Single-ended bipolar
1
Protected by U.S. Patent No. 6,681,332.


Similar Part No. - AD7352

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7352 AD-AD7352 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352BRUZ AD-AD7352BRUZ Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352BRUZ AD-AD7352BRUZ Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7352BRUZ-500RL7 AD-AD7352BRUZ-500RL7 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results

Similar Description - AD7352

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
AD7356 AD-AD7356 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7352 AD-AD7352_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. A
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com