Electronic Components Datasheet Search
  English  ▼

X  

AD7352 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7352
Description  Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7352 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7352 Datasheet HTML 6Page - Analog Devices AD7352 Datasheet HTML 7Page - Analog Devices AD7352 Datasheet HTML 8Page - Analog Devices AD7352 Datasheet HTML 9Page - Analog Devices AD7352 Datasheet HTML 10Page - Analog Devices AD7352 Datasheet HTML 11Page - Analog Devices AD7352 Datasheet HTML 12Page - Analog Devices AD7352 Datasheet HTML 13Page - Analog Devices AD7352 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Data Sheet
AD7352
Rev. B | Page 9 of 20
0
500
1000
1500
2000
2500
3000
CURRENT LOAD (µA)
2.0460
2.0462
2.0464
2.0466
2.0468
2.0470
2.0472
2.0474
2.0476
2.0478
2.0480
2.0482
Figure 9. VREF vs. Reference Output Current Drive
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
SCLK FREQUENCY (kHz)
INL MAX
INL MIN
DNL MAX
DNL MIN
Figure 10. Linearity Error vs. SCLK Frequency
–1.0
–0.6
–0.2
0.2
0.6
1.0
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
2.50
EXTERNAL VREF (V)
INL MAX
DNL MAX
INL MIN
DNL MIN
Figure 11. Linearity Error vs. External VREF
5
6
7
8
9
10
11
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VDRIVE (V)
+125°C
+85°C
+25°C
–40°C
Figure 12. Access Time vs. VDRIVE
4
5
6
7
8
9
1.8
2.0
2.2
2.4
2.6
2.8
3.0
3.2
3.4
3.6
VDRIVE (V)
+125°C
+85°C
+25°C
–40°C
Figure 13. Hold Time vs. VDRIVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com