Electronic Components Datasheet Search
  English  ▼

X  

PC133 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # PC133
Description  32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC133 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button PC133 Datasheet HTML 2Page - Samsung semiconductor PC133 Datasheet HTML 3Page - Samsung semiconductor PC133 Datasheet HTML 4Page - Samsung semiconductor PC133 Datasheet HTML 5Page - Samsung semiconductor PC133 Datasheet HTML 6Page - Samsung semiconductor PC133 Datasheet HTML 7Page - Samsung semiconductor PC133 Datasheet HTML 8Page - Samsung semiconductor PC133 Datasheet HTML 9Page - Samsung semiconductor PC133 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
M464S3254DTS
Rev. 0.0 Jan. 2002
PC133/PC100 SODIMM
AC OPERATING TEST CONDITIONS (VDD = 3.3V
± 0.3V, TA = 0 to 70°C)
Parameter
Value
Unit
AC input levels (Vih/Vil)
2.4/0.4
V
Input timing measurement reference level
1.4
V
Input rise and fall time
tr/tf = 1/1
ns
Output timing measurement reference level
1.4
V
Output load condition
See Fig. 2
3.3V
1200
Ω
870
Ω
Output
50pF
VOH (DC) = 2.4V, IOH = -2mA
VOL (DC) = 0.4V, IOL = 2mA
Vtt = 1.4V
50
Ω
Output
50pF
Z0 = 50
Ω
(Fig. 2) AC output load circuit
(Fig. 1) DC output load circuit
OPERATING AC PARAMETER
(AC operating conditions unless otherwise noted)
Parameter
Symbol
Version
Unit
Note
-7C
-7A
-1H
-1L
Row active to row active delay
tRRD(min)
15
15
20
20
ns
1
RAS to CAS delay
tRCD(min)
15
20
20
20
ns
1
Row precharge time
tRP(min)
15
20
20
20
ns
1
Row active time
tRAS(min)
45
45
50
50
ns
1
tRAS(max)
100
us
Row cycle time
tRC(min)
60
65
70
70
ns
1
Last data in to row precharge
tRDL(min)
2
CLK
2, 5
Last data in to Active delay
tDAL(min)
2 CLK + tRP
-
5
Last data in to new col. address delay
tCDL(min)
1
CLK
2
Last data in to burst stop
tBDL(min)
1
CLK
2
Col. address to col. address delay
tCCD(min)
1
CLK
3
Number of valid output data
CAS latency=3
2
ea
4
CAS latency=2
1
Notes : 1. The minimum number of clock cycles is determined by dividing the minimum time required with clock cycle time
and then rounding off to the next higher integer.
2. Minimum delay is required to complete write.
3. All parts allow every cycle column address change.
4. In case of row precharge interrupt, auto precharge and read burst stop.
5. In 100MHz and below 100MHz operating conditions, tRDL=1CLK and tDAL=1CLK + 20ns is also supported.
SAMSUNG recommends tRDL=2CLK and tDAL=2CLK + tRP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com