Electronic Components Datasheet Search
  English  ▼

X  

PC133 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # PC133
Description  32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC133 Datasheet(HTML) 4 Page - Samsung semiconductor

  PC133 Datasheet HTML 1Page - Samsung semiconductor PC133 Datasheet HTML 2Page - Samsung semiconductor PC133 Datasheet HTML 3Page - Samsung semiconductor PC133 Datasheet HTML 4Page - Samsung semiconductor PC133 Datasheet HTML 5Page - Samsung semiconductor PC133 Datasheet HTML 6Page - Samsung semiconductor PC133 Datasheet HTML 7Page - Samsung semiconductor PC133 Datasheet HTML 8Page - Samsung semiconductor PC133 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
M464S3254DTS
Rev. 0.0 Jan. 2002
PC133/PC100 SODIMM
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, VOUT
-1.0 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-1.0 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
°C
Power dissipation
PD
8
W
Short circuit current
IOS
50
mA
Permanent device damage may occur if "ABSOLUTE MAXIMUM RATINGS" are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
Note :
DC OPERATING CONDITIONS AND CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, TA = 0 to 70
°C)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD
3.0
3.3
3.6
V
Input high voltage
VIH
2.0
3.0
VDDQ+0.3
V
1
Input low voltage
VIL
-0.3
0
0.8
V
2
Output high voltage
VOH
2.4
-
-
V
IOH = -2mA
Output low voltage
VOL
-
-
0.4
V
IOL = 2mA
Input leakage current
ILI
-10
-
10
uA
3
CAPACITANCE (VDD = 3.3V, TA = 23
°C, f = 1MHz, VREF = 1.4V ± 200 mV)
Parameter
Symbol
Min
Max
Unit
Input capacitance (A0 ~ A12, BA0 ~ BA1)
Input capacitance (RAS, CAS, WE)
Input capacitance (CKE0 ~ CKE1)
Input capacitance (CLK0 ~ CLK1)
Input capacitance (CS0 ~ CS1)
Input capacitance (DQM0 ~ DQM7)
Data input/output capacitance (DQ0 ~ DQ63)
CIN1
CIN2
CIN3
CIN4
CIN5
CIN6
COUT
25
25
15
15
15
10
13
45
45
25
21
25
12
18
pF
pF
pF
pF
pF
pF
pF
1. VIH (max) = 5.6V AC.The overshoot voltage duration is
≤ 3ns.
2. VIL (min) = -2.0V AC. The undershoot voltage duration is
≤ 3ns.
3. Any input 0V
≤ VIN ≤ VDDQ.
Input leakage currents include Hi-Z output leakage for all bi-directional buffers with Tri-State outputs.
Notes :



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com