Electronic Components Datasheet Search
  English  ▼

X  

PC133 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # PC133
Description  32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC133 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button PC133 Datasheet HTML 3Page - Samsung semiconductor PC133 Datasheet HTML 4Page - Samsung semiconductor PC133 Datasheet HTML 5Page - Samsung semiconductor PC133 Datasheet HTML 6Page - Samsung semiconductor PC133 Datasheet HTML 7Page - Samsung semiconductor PC133 Datasheet HTML 8Page - Samsung semiconductor PC133 Datasheet HTML 9Page - Samsung semiconductor PC133 Datasheet HTML 10Page - Samsung semiconductor PC133 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
M464S3254DTS
Rev. 0.0 Jan. 2002
PC133/PC100 SODIMM
SERIAL PRESENCE DETECT INFORMATION
Byte #
Function described
Function Supported
Hex value
Note
-7C
-7A
-1H
-1L
-7C
-7A
-1H
-1L
35
Data signal input hold time
0.8ns
0.8ns
1ns
1ns
08h
08h
10h
10h
36~61
Superset information (maybe used in future)
-
00h
62
SPD data revision code
Current release Intel spd 1.2B/A
12h
63
Checksum for bytes 0 ~ 62
-
79h
BAh
21h
51h
64
Manufacturer JEDEC ID code
Samsung
CEh
65~71
...... Manufacturer JEDEC ID code
Samsung
00h
72
Manufacturing location
Onyang Korea
01h
73
Manufacturer part # (Memory module)
M
4Dh
74
Manufacturer part # (DIMM configuration)
4
34h
75
Manufacturer part # (Data bits)
Blank
20h
76
...... Manufacturer part # (Data bits)
6
36h
77
...... Manufacturer part # (Data bits)
4
34h
78
Manufacturer part # (Mode & operating voltage)
S
53h
79
Manufacturer part # (Module depth)
3
33h
80
...... Manufacturer part # (Module depth)
2
32h
81
Manufacturer part # (Refresh, # of banks in Comp. & inter-
5
35h
82
Manufacturer part # (Composition component)
4
34h
83
Manufacturer part # (Component revision)
D
44h
84
Manufacturer part # (Package type)
T
54h
85
Manufacturer part # (PCB revision & type)
S
53h
86
Manufacturer part # (Hyphen)
" - "
2Dh
87
Manufacturer part # (Power)
L / C
4Ch / 43h
88
Manufacturer part # (Minimum cycle time)
7
7
1
1
37h
37h
31h
31h
89
Manufacturer part # (Minimum cycle time)
C
A
H
L
43h
41h
48h
4Ch
90
Manufacturer part # (TBD)
Blank
20h
91
Manufacturer revision code (For PCB)
S
53h
92
...... Manufacturer revision code (For component)
D-die (5th Gen.)
44h
93
Manufacturing date (Year)
-
-
3
94
Manufacturing date (Week)
-
-
3
95~98
Assembly serial #
-
-
4
99~12
Manufacturer specific data (may be used in future)
Undefined
-
5
126
System frequency for 100MHz
100MHz
64h
127
Intel Specification details
Detailed 100MHz Information
CFh
CFh
CFh
CDh
128+
Unused storage locations
Undefined
-
5
1. The bank select address is excluded in counting the total # of addresses.
2. This value is based on the component specification.
3. These bytes are programmed by code of Date Week & Date Year with BCD format.
4. These bytes are programmed by Samsung
′s own Assembly Serial # system. All modules may have different unique serial #.
5. These bytes are Undefined and can be used for Samsung
′s own purpose.
Note :



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com