Electronic Components Datasheet Search
  English  ▼

X  

PC133 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # PC133
Description  32Mx64 SDRAM SODIMM based on 16Mx16, 4Banks, 8K Refresh,3.3V Synchronous DRAMs with SPD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

PC133 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button PC133 Datasheet HTML 3Page - Samsung semiconductor PC133 Datasheet HTML 4Page - Samsung semiconductor PC133 Datasheet HTML 5Page - Samsung semiconductor PC133 Datasheet HTML 6Page - Samsung semiconductor PC133 Datasheet HTML 7Page - Samsung semiconductor PC133 Datasheet HTML 8Page - Samsung semiconductor PC133 Datasheet HTML 9Page - Samsung semiconductor PC133 Datasheet HTML 10Page - Samsung semiconductor PC133 Datasheet HTML 11Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
M464S3254DTS
Rev. 0.0 Jan. 2002
PC133/PC100 SODIMM
Tolerances :
±.006(.15) unless otherwise specified
The used device is 16Mx16 SDRAM, TSOP
SDRAM Part No. : K4S561632D
PACKAGE DIMENSIONS
2.66
2.50
Units : Inches (Millimeters)
2-R 0.078 Min
(2.00 Min)
0.18
(4.60)
0.91
(23.20)
1.29
(32.80)
0.13
(3.30)
(63.60)
(67.56)
Detail Z
0.16
± 0.0039
(4.00
± 0.10)
0.06
± 0.0039
(1.50
± 0.1)
2-
φ 0.07
(1.80)
0.16
± 0.039
(4.00
± 0.10)
0.083
(2.10)
0.10
(2.50)
Z
Y
0.15
(3.70)
0.150 Max
0.04
± 0.0039
(1.00
± 0.10)
(3.80 Max)
1
59
61
143
2
60
62
144
0.03 TYP
0.024
± 0.001
0.008
±0.006
(0.200
±0.150)
(0.600
± 0.050)
(0.80 TYP)
Detail Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com