Electronic Components Datasheet Search
  English  ▼

X  

UBA2014 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # UBA2014
Description  600 V driver IC for HF fluorescent lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014 Datasheet(HTML) 5 Page - NXP Semiconductors

  UBA2014 Datasheet HTML 1Page - NXP Semiconductors UBA2014 Datasheet HTML 2Page - NXP Semiconductors UBA2014 Datasheet HTML 3Page - NXP Semiconductors UBA2014 Datasheet HTML 4Page - NXP Semiconductors UBA2014 Datasheet HTML 5Page - NXP Semiconductors UBA2014 Datasheet HTML 6Page - NXP Semiconductors UBA2014 Datasheet HTML 7Page - NXP Semiconductors UBA2014 Datasheet HTML 8Page - NXP Semiconductors UBA2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
2002 May 16
5
Philips Semiconductors
Product specification
600 V driver IC for HF fluorescent lamps
UBA2014
PINNING
SYMBOL
PIN
DESCRIPTION
CT
1
preheat timer output
CSW
2
voltage controlled oscillator input
CF
3
oscillator output
IREF
4
internal reference current input
GND
5
ground
GL
6
gate output for the low-side switch
VDD
7
low-voltage supply
PCS
8
preheat current sensor input
FVDD
9
floating supply, supply for the high-side switch
GH
10
gate output for the high-side switch
SH
11
source of the high-side switch
ACM
12
capacitive mode input
LVS
13
lamp voltage sensor input
Vref
14
reference voltage output
CS+
15
positive input for the average current sensor
CS
−
16
negative input for the average current sensor
handbook, halfpage
UBA2014P
MGW580
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
CSW
CF
IREF
GND
GL
VDD
PCS
FVDD
GH
SH
ACM
LVS
Vref
CS
+
CS
−
Fig.2 Pin configuration (DIP16).
handbook, halfpage
UBA2014T
MGW581
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CT
CSW
CF
IREF
GND
GL
VDD
PCS
FVDD
GH
SH
ACM
LVS
Vref
CS
+
CS
−
Fig.3 Pin configuration (SO16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com