Electronic Components Datasheet Search
  English  ▼

X  

UBA2014 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA2014
Description  600 V driver IC for HF fluorescent lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014 Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA2014 Datasheet HTML 1Page - NXP Semiconductors UBA2014 Datasheet HTML 2Page - NXP Semiconductors UBA2014 Datasheet HTML 3Page - NXP Semiconductors UBA2014 Datasheet HTML 4Page - NXP Semiconductors UBA2014 Datasheet HTML 5Page - NXP Semiconductors UBA2014 Datasheet HTML 6Page - NXP Semiconductors UBA2014 Datasheet HTML 7Page - NXP Semiconductors UBA2014 Datasheet HTML 8Page - NXP Semiconductors UBA2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
This text is here in white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here in
_white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader.This text is here inThis text is here in
white to force landscape pages to be rotated correctly when browsing through the pdf in the Acrobat reader. white to force landscape pages to be ...
MGW579
DRIVER
LOGIC
LEVEL
SHIFTER
BOOTSTRAP
FREQUENCY
CONTROL
AVERAGE
CURRENT
SENSOR
CS
+
15
GH
10
FVDD
9
CS
−
16
LOGIC
LAMP
VOLTAGE
SENSOR
VOLTAGE
CONTROLLED
OSCILLATOR
REFERENCE
CURRENT
I
V
GL
LS
DRIVER
HS
DRIVER
6
SH
11
ACM
12
PREHEAT TIMER
STATE LOGIC
• reset state
• start-up state
• preheat state
• ignition state
• burn state
• hold state
• power-down state
SUPPLY
VDD
Vref
reset
VDD(L)
Vpd
reference
voltages
digital
analog
supply (5 V)
3 V
714
LOGIC
1
4
CT
IREF
3
CF
13
LVS
2
CSW
5
GND
Vlamp(fail) Vlamp(max)
ANT/CMD
UBA2014
PCS
8
PCS
Fig.1 Block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com