Electronic Components Datasheet Search
  English  ▼

X  

UBA2014 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UBA2014
Description  600 V driver IC for HF fluorescent lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014 Datasheet(HTML) 3 Page - NXP Semiconductors

  UBA2014 Datasheet HTML 1Page - NXP Semiconductors UBA2014 Datasheet HTML 2Page - NXP Semiconductors UBA2014 Datasheet HTML 3Page - NXP Semiconductors UBA2014 Datasheet HTML 4Page - NXP Semiconductors UBA2014 Datasheet HTML 5Page - NXP Semiconductors UBA2014 Datasheet HTML 6Page - NXP Semiconductors UBA2014 Datasheet HTML 7Page - NXP Semiconductors UBA2014 Datasheet HTML 8Page - NXP Semiconductors UBA2014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2002 May 16
3
Philips Semiconductors
Product specification
600 V driver IC for HF fluorescent lamps
UBA2014
QUICK REFERENCE DATA
All voltages are referenced to GND; VDD = 13 V; VFVDD − VSH = 13 V; Tamb =25 °C; unless otherwise specified; see
Chapter “Application information”.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
High-voltage supply
VHS
high side supply voltage
IHS <30 µA; t < 1 s
−−
600
V
Start-up state
VDD(start)
oscillator start voltage
12.4
13.0
13.6
V
VDD(stop)
oscillator stop voltage
−
9.1
−
V
IDD(start)
start-up current
VDD <VDD(start)
−
170
200
µA
Reference voltage
VVref
reference voltage
IL =10 µA
−
2.95
−
V
Voltage controlled oscillator
fmax
maximum bridge
frequency
−
100
−
kHz
fmin
minimum bridge frequency
38.9
40.5
42.1
kHz
Output drivers
Isource(GH)
output driver source
current
VGH − VSH = 0; VGL =0
−
180
−
mA
Isink(GH)
output driver sink current
VGH − VSH =13V
−
300
−
mA
Preheat current sensor
Vph
preheat voltage level
−
0.60
−
V
Lamp voltage sensor
Vlamp(fail)
lamp fail voltage level at
pin LVS
0.77
0.81
0.85
V
Vlamp(max)
maximum lamp voltage
level at pin LVS
1.44
1.49
1.54
V
Average current sensor
Voffset
offset voltage
VCS = 0 to 2.5 V
−2
0
+2
mV
gm
transconductance
f = 1 kHz
−
3800
−µA/mV
Timer
tph
preheat time
CCT = 330 nF;
RIREF =33kΩ
1.6
1.8
2.0
s
VOL(CT)
LOW-level output voltage
at pin CT
−
1.4
−
V
VOH(CT)
HIGH-level output voltage
at pin CT
−
3.6
−
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com