Electronic Components Datasheet Search
  English  ▼

X  

AD7631 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7631
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7631 Datasheet HTML 5Page - Analog Devices AD7631 Datasheet HTML 6Page - Analog Devices AD7631 Datasheet HTML 7Page - Analog Devices AD7631 Datasheet HTML 8Page - Analog Devices AD7631 Datasheet HTML 9Page - Analog Devices AD7631 Datasheet HTML 10Page - Analog Devices AD7631 Datasheet HTML 11Page - Analog Devices AD7631 Datasheet HTML 12Page - Analog Devices AD7631 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
AD7631
Data Sheet
Rev. B | Page 8 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AGND
AVDD
MODE0
MODE1
D0/OB/2C
D1/A0
D3
D4/DIVSCLK[0]
D5/DIVSCLK[1]
OGND
OGND
BIPOLAR
CNVST
PD
RESET
CS
RD
TEN
BUSY
D17/SCCS
D16/SCCLK
D15/SCIN
D14/HW/SW
48 47 46 45 44 43 42 41 40 39 38 37
35
34
33
30
31
32
36
29
28
27
25
26
2
3
4
7
6
5
1
8
9
10
12
11
13 14 15 16 17 18 19 20 21 22 23 24
PIN 1
AD7631
TOP VIEW
(Not to Scale)
D2/A1
NOTES
1. FOR THE LEAD FRAME CHIP SCALE PACKAGE (LFCSP), THE EXPOSED PAD
SHOULD BE CONNECTED TO VEE. THIS CONNECTION IS NOT REQUIRED TO
MEET THE ELECTRICAL PERFORMANCES.
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
1, 42
AGND
P
Analog Power Ground Pins. Ground reference point for all analog I/O. All analog I/O should be
referenced to AGND and should be connected to the analog ground plane of the system. In addition,
the AGND, DGND, and OGND voltages should be at the same potential.
2, 44
AVDD
P
Analog Power Pins. Nominally 4.75 V to 5.25 V and decoupled with 10 μF and 100 nF capacitors.
3, 4
MODE[0:1]
DI
Data Input/Output Interface Mode Selection.
Interface Mode
MODE1
MODE0
Description
0
Low
Low
18-bit interface
1
Low
High
16-bit interface
2
High
Low
8-bit (byte) interface
3
High
High
Serial interface
5
D0/OB/2C
DI/O2
In 18-bit parallel mode, this output is used as Bit 0 of the parallel port data output bus, and the data
coding is straight binary. In all other modes, this pin allows the choice of straight binary or twos
complement.
When OB/2C = high, the digital output is straight binary.
When OB/2C = low, the MSB is inverted resulting in a twos complement output from its internal
shift register.
6, 7, 17
OGND
P
Input/Output Interface Digital Power Ground. Ground reference point for digital outputs. Should
be connected to the system digital ground ideally at the same potential as AGND and DGND.
8
D1/A0
DI/O
When MODE[1:0] = 0, this pin is Bit 1 of the parallel port data output bus. In all other modes, this
input pin controls the form in which data is output as shown in Table 7.
9
D2/A1
DI/O
When MODE[1:0] = 0, this pin is Bit 2 of the parallel port data output bus.
When MODE[1:0] = 1 or 2, this input pin controls the form in which data is output as shown in Table 7.
10
D3
DO
When MODE[1:0] = 0, 1, or 2, this output is used as Bit 3 of the parallel port data output bus.
This pin is always an output, regardless of the interface mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com