Electronic Components Datasheet Search
  English  ▼

X  

AD7631 Datasheet(PDF) 31 Page - Analog Devices

Part # AD7631
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD7631 Datasheet HTML 25Page - Analog Devices AD7631 Datasheet HTML 26Page - Analog Devices AD7631 Datasheet HTML 27Page - Analog Devices AD7631 Datasheet HTML 28Page - Analog Devices AD7631 Datasheet HTML 29Page - Analog Devices AD7631 Datasheet HTML 30Page - Analog Devices AD7631 Datasheet HTML 31Page - Analog Devices AD7631 Datasheet HTML 32Page - Analog Devices AD7631 Datasheet HTML 33Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
AD7631
Data Sheet
Rev. B | Page 30 of 32
SCIN
SCCLK
X
START
TEN
123
67
BUSY
HW/SW = 0
INVSCLK = 0
CNVST
SCCS
t8
t36
t35
t37
4
PD
5
BIPOLAR
X
OB/2C
X
89
MODE[1:0] = 3
BIPOLAR = 0 OR 1
TEN = 0 OR 1
PD = 0
t33
t34
t31
X
t31
Figure 47. Serial Configuration Port Timing
MICROPROCESSOR INTERFACING
The AD7631 is ideally suited for traditional dc measurement
applications supporting a microprocessor and ac signal processing
applications interfacing to a digital signal processor. The
AD7631 is designed to interface with a parallel 8-bit or 18-bit wide
interface, or with a general-purpose serial port or I/O ports on a
microcontroller. A variety of external buffers can be used with
the AD7631 to prevent digital noise from coupling into the ADC.
SPI Interface
The AD7631 is compatible with SPI and QSPI digital hosts and
DSPs, such as Blackfin® ADSP-BF53x and ADSP-218x/ADSP-219x.
Figure 48 shows an interface diagram between the AD7631 and
the SPI-equipped ADSP-219x. To accommodate the slower
speed of the DSP, the AD7631 acts as a slave device, and data must
be read after conversion. This mode also allows the daisy-chain
feature. The convert command could be initiated in response to
an internal timer interrupt.
The reading process can be initiated in response to the end-of-
conversion signal (BUSY going low) using an interrupt line of
the DSP. The serial peripheral interface (SPI) on the ADSP-219x
is configured for master mode (MSTR) = 1, clock polarity bit
(CPOL) = 0, clock phase bit (CPHA) = 1, and SPI interrupt enable
(TIMOD) = 0 by writing to the SPI control register (SPICLTx).
It should be noted that to meet all timing requirements, the SPI
clock should be limited to 17 Mbps allowing it to read an ADC
result in less than 1 μs. When a higher sampling rate is desired,
use one of the parallel interface modes.
BUSY
CS
SDOUT
SDCLK
CNVST
AD7631*
PFx
SPIxSEL (PFx)
MISOx
SCKx
PFx OR TFSx
ADSP-219x*
*ADDITIONAL PINS OMITTED FOR CLARITY.
DVDD
MODE[1:0]
EXT/INT
RD
INVSCLK
Figure 48. Interfacing the AD7631 to SPI Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com