Electronic Components Datasheet Search
  English  ▼

X  

AD7631 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7631
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7631 Datasheet HTML 15Page - Analog Devices AD7631 Datasheet HTML 16Page - Analog Devices AD7631 Datasheet HTML 17Page - Analog Devices AD7631 Datasheet HTML 18Page - Analog Devices AD7631 Datasheet HTML 19Page - Analog Devices AD7631 Datasheet HTML 20Page - Analog Devices AD7631 Datasheet HTML 21Page - Analog Devices AD7631 Datasheet HTML 22Page - Analog Devices AD7631 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
AD7631
Data Sheet
Rev. B | Page 18 of 32
TRANSFER FUNCTIONS
Using the D0/OB/2C digital input or via the configuration
register, except in 18-bit parallel interface mode, the AD7631
offers two output codings: straight binary and twos
complement. See Figure 26 and Table 8 for the ideal transfer
characteristic and digital output codes for the different analog
input ranges, VIN. Note that when using the configuration
register, the D0/OB/2C input is a don’t care and should be tied
to either high or low.
000...000
000...001
000...010
111...101
111...110
111...111
ANALOG INPUT
+FSR – 1.5 LSB
+FSR –1LSB
–FSR + 1 LSB
–FSR
–FSR + 0.5 LSB
Figure 26. ADC Ideal Transfer Function
TYPICAL CONNECTION DIAGRAM
Figure 27 shows a typical connection diagram for the AD7631
using the internal reference, serial data interface, and serial
configuration port. Different circuitry from that shown in
Figure 27 is optional and is discussed in the following sections.
Table 8. Output Codes and Ideal Input Voltages
VREF = 5 V
Digital Output Code
Description
VIN = 0 V to 5 V
(10 V p-p)
VIN = 0 V to 10 V
(20 V p-p)
VIN = ±5 V
(20 V p-p)
VIN = ±10 V
(40 V p-p)
Straight Binary
Twos Complement
FSR − 1 LSB
+4.999962 V
+9.999924 V
+9.999924 V
+19.999847 V
0x3FFFF1
0x1FFFF1
FSR − 2 LSB
+4.999924 V
+9.999847 V
+9.999847 V
+19.999695 V
0x3FFFE
0x1FFFE
Midscale + 1 LSB
+38.15 μV
−76.29 μV
−76.29 μV
+152.59 μV
0x20001
0x00001
Midscale
0 V
0 V
0 V
0 V
0x20000
0x00000
Midscale − 1 LSB
−38.15 μV
−76.29 μV
−76.29 μV
−152.59 μV
0x1FFFF
0x3FFFF
−FSR + 1 LSB
−4.999962 V
−9.999924 V
−9.999924 V
−19.999847 V
0x00001
0x20001
−FSR
−5 V
−10 V
−10 V
−20 V
0x000002
0x200002
1 This is also the code for overrange analog input.
2 This is also the code for underrange analog input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com