Electronic Components Datasheet Search
  English  ▼

X  

AD7631 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7631
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7631 Datasheet HTML 9Page - Analog Devices AD7631 Datasheet HTML 10Page - Analog Devices AD7631 Datasheet HTML 11Page - Analog Devices AD7631 Datasheet HTML 12Page - Analog Devices AD7631 Datasheet HTML 13Page - Analog Devices AD7631 Datasheet HTML 14Page - Analog Devices AD7631 Datasheet HTML 15Page - Analog Devices AD7631 Datasheet HTML 16Page - Analog Devices AD7631 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
AD7631
Data Sheet
Rev. B | Page 12 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = DVDD = 5 V; OVDD = 5 V; VCC = 15 V; VEE = −15 V; VREF = 5 V; TA = 25°C.
CODE
2.5
2.0
1.5
1.0
0.5
0
–2.5
–2.0
–1.5
–1.0
–0.5
65536
0
131072
196608
262144
POSITIVE INL = 1.15 LSB
NEGATIVE INL = –0.94 LSB
fS = 250kSPS
Figure 5. Integral Nonlinearity vs. Code, Bipolar 10 V Range
INL DISTRIBUTION (LSB)
0
10
20
30
40
50
60
–2.0 –1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2.0
NEGATIVE INL
POSITIVE INL
Figure 6. Integral Nonlinearity Distribution, Unipolar 10 V Range
(86 Devices)
70000
0
1FFFE
20008
CODE IN HEX
20000
20002
20004
20006
60000
50000
40000
20000
30000
10000
σ = 0.80
00
25
34164
2172
20
00
1997
32769
59925
Figure 7. Histogram of 261,120 Conversions of a DC Input
at the Code Center, Bipolar 5 V Range
CODE
2.5
2.0
1.5
1.0
0.5
0
–2.5
–2.0
–1.5
–1.0
–0.5
65536
0
131072
196608
262144
POSITIVE DNL = 0.68 LSB
NEGATIVE DNL = –0.75 LSB
fS = 250kSPS
Figure 8. Differential Nonlinearity vs. Code, Bipolar 10 V Range
DNL DISTRIBUTION (LSB)
0
10
20
30
40
50
60
–2.0 –1.6 –1.2 –0.8 –0.4
0
0.4
0.8
1.2
1.6
2.0
NEGATIVE DNL
POSITIVE DNL
Figure 9. Differential Nonlinearity Distribution, Bipolar 5 V Range
(86 Devices)
CODE IN HEX
20006
1FFFC
1FFFE
20000
20002
20004
60000
0
50000
40000
30000
20000
10000
00
σ = 0.75
56811
54874
005
6901
294
349
11838
Figure 10. Histogram of 261,120 Conversions of a DC Input
at the Code Transition, Bipolar 5 V Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com