Electronic Components Datasheet Search
  English  ▼

X  

AD7631 Datasheet(PDF) 21 Page - Analog Devices

Part # AD7631
Description  18-Bit, 250 kSPS, Differential Programmable Input PulSAR ADC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7631 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD7631 Datasheet HTML 17Page - Analog Devices AD7631 Datasheet HTML 18Page - Analog Devices AD7631 Datasheet HTML 19Page - Analog Devices AD7631 Datasheet HTML 20Page - Analog Devices AD7631 Datasheet HTML 21Page - Analog Devices AD7631 Datasheet HTML 22Page - Analog Devices AD7631 Datasheet HTML 23Page - Analog Devices AD7631 Datasheet HTML 24Page - Analog Devices AD7631 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
AD7631
Data Sheet
Rev. B | Page 20 of 32
The four diodes, D1 to D4, provide ESD protection for the analog
inputs, IN+ and IN−. Care must be taken to ensure that the analog
input signal never exceeds the supply rails by more than 0.3 V,
because this causes the diodes to become forward-biased and to
start conducting current. These diodes can handle a forward-
biased current of 120 mA maximum. For instance, these conditions
could eventually occur when the input buffer’s U1 supplies are
different from AVDD, VCC, and VEE. In such a case, an input
buffer with a short-circuit current limitation can be used to protect
the part although most op amps’ short-circuit current is <100 mA.
Note that D3 and D4 are only used in the 0 V to 5 V range to
allow for additional protection in applications that are switching
from the higher voltage ranges.
This analog input structure of the AD7631 is a true differential
structure allowing the sampling of the differential signal between
IN+ and IN−. By using this differential input, small signals
common to both inputs are rejected, as shown in Figure 29,
which represents the typical CMRR over frequency.
120
0
1
10000
FREQUENCY (kHz)
100
80
60
40
20
10
100
1000
0V TO 10V
±5V
0V TO 5V
±10V
Figure 29. Analog Input CMRR vs. Frequency
During the acquisition phase for ac signals, the impedance of
the analog inputs, IN+ and IN−, can be modeled as a parallel
combination of Capacitor CPIN and the network formed by
the series connection of RIN and CIN. CPIN is primarily the pin
capacitance. RIN is typically 5 kΩ and is a lumped component
comprised of serial resistors and the on resistance of the switches.
CIN is primarily the ADC sampling capacitor and, depending on
the input range selected, is typically 48 pF in the 0 V to 5 V range,
typically 24 pF in the 0 V to 10 V and ±5 V ranges, and typically
12 pF in the ±10 V range. During the conversion phase, when the
switches are opened, the input impedance is limited to CPIN.
Because the input impedance of the AD7631 is very high, it can
be directly driven by a low impedance source without gain
error. To further improve the noise filtering achieved by the
AD7631 analog input circuit, an external, one-pole RC filter
between the amplifier’s outputs and the ADC analog inputs
can be used, as shown in Figure 27. However, large source
impedances significantly affect the ac performance, especially
the THD. The maximum source impedance depends on the
amount of THD that can be tolerated. The THD degrades as a
function of the source impedance and the maximum input
frequency, as shown in Figure 30.
–130
–110
–90
–70
0
25
50
75
100
15Ω
33Ω
100Ω
200Ω
FREQUENCY (kHz)
Figure 30. THD vs. Analog Input Frequency and Source Resistance
DRIVER AMPLIFIER CHOICE
Although the AD7631 is easy to drive, the driver amplifier must
meet the following requirements:
For multichannel, multiplexed applications, the driver
amplifier and the AD7631 analog input circuit must be
able to settle for a full-scale step of the capacitor array
at a 18-bit level (0.0004%). For the amplifier, settling at
0.1% to 0.01% is more commonly specified. This differs
significantly from the settling time at a 18-bit level and
should be verified prior to driver selection. The AD8021 op
amp combines ultralow noise with high gain bandwidth and
meets this settling time requirement even when used with
gains of up to 13.
The noise generated by the driver amplifier needs to be
kept as low as possible to preserve the SNR and transition
noise performance of the AD7631. The noise coming from
the driver is filtered by the external, 1-pole, low-pass filter,
as shown in Figure 27. The SNR degradation due to the
amplifier is
2
3dB
2
3dB
2
)
(
2
)
(
2
log
20
N
N
NADC
NADC
LOSS
Ne
f
Ne
f
V
V
SNR
where:
VNADC is the noise of the ADC, which is
20
10
2
2
2
SNR
INp-p
NADC
V
V
f–3dB is the cutoff frequency of the input filter (3.9 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com