Electronic Components Datasheet Search
  English  ▼

X  

MT9V024 Datasheet(PDF) 29 Page - ON Semiconductor

Part # MT9V024
Description  1/3-Inch Wide VGA CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 25Page - ON Semiconductor MT9V024 Datasheet HTML 26Page - ON Semiconductor MT9V024 Datasheet HTML 27Page - ON Semiconductor MT9V024 Datasheet HTML 28Page - ON Semiconductor MT9V024 Datasheet HTML 29Page - ON Semiconductor MT9V024 Datasheet HTML 30Page - ON Semiconductor MT9V024 Datasheet HTML 31Page - ON Semiconductor MT9V024 Datasheet HTML 32Page - ON Semiconductor MT9V024 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
MT9V024/D
www.onsemi.com
29
Table 12. RESERVED WORDS IN THE PIXEL DATA STREAM
Pixel Data Reserved Word
Flag
0
Precedes frame valid assertion
1
Precedes line valid assertion
2
Succeeds line valid de−assertion
3
Succeeds frame valid de−assertion
When LVDS mode is enabled along with column binning
(bin 2 or bin 4, R0x0D[3:2]), the packet size remains the
same but the serial pixel data stream repeats itself depending
on whether 2X or 4X binning is set:
• For bin 2, LVDS outputs double the expected data
(pixel 0,0 is output twice in sequence, followed by pixel
0, 1 twice,
…).
• For bin 4, LVDS outputs 4 times the expected data
(pixel 0,0 is output 4 times in sequence followed by
pixel 0, 1 times 4,
…).
The receiving hardware will need to undersample the
output stream,getting data either every 2 clocks (bin 2) or
every 4 (bin 4) clocks.
If the sensor provides a pixel whose value is 0, 1, 2, or 3
(that is, the same as a reserved word) then the outgoing serial
pixel value is switched to 4.
LVDS Enable and Disable
The Table 10 and Table 11 further explain the state of the
LVDS output pins depending on LVDS control settings.
When the LVDS block is not used, it may be left powered
down to reduce power consumption.
Table 13. SER_DATAOUT_*STATE
R0xB1[1]
LVDS power down
R0xB3[4]
LVDS data power down
SER_DATAOUT_*
0
0
Active
0
1
Active
1
0
Z
1
1
Z
Table 14. SER_DATAOUT_*STATE
R0xB1[1]
LVDS power down
R0xB2[4]
LVDS shift−clk power down
SHFT_CLKOUT_*
0
0
Active
0
1
Z
1
0
Z
1
1
Z
6. ERROR pin: When the sensor is not in stereo mode, the ERROR pin is at LOW.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com