Electronic Components Datasheet Search
  English  ▼

X  

MT9V024 Datasheet(PDF) 31 Page - ON Semiconductor

Part # MT9V024
Description  1/3-Inch Wide VGA CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 31 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 27Page - ON Semiconductor MT9V024 Datasheet HTML 28Page - ON Semiconductor MT9V024 Datasheet HTML 29Page - ON Semiconductor MT9V024 Datasheet HTML 30Page - ON Semiconductor MT9V024 Datasheet HTML 31Page - ON Semiconductor MT9V024 Datasheet HTML 32Page - ON Semiconductor MT9V024 Datasheet HTML 33Page - ON Semiconductor MT9V024 Datasheet HTML 34Page - ON Semiconductor MT9V024 Datasheet HTML 35Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
MT9V024/D
www.onsemi.com
31
ELECTRICAL SPECIFICATIONS
Table 16. DC ELECTRICAL CHARACTERISTICS OVER TEMPERATURE
(VPWR = 3.3V ± 0.3 V; TJ = −40°C to + 105°C; Output Load = 10pF; Frequency 13 MHz to 27 MHz; LVDS off)
Symbol
Definition
Condition
Min
Typ
Max
Unit
VIH
Input HIGH Voltage
VPWR − 1.4
−
V
VIL
Input LOW Voltage
−
1.3
V
IIN
Input Leakage Current
No pull−up resistor; VIN = VPWR or VGND
−5
–
5
mA
VOH
Output HIGH Voltage
IOH = –4.0 mA
VPWR − 0.3
–
–
V
VOL
Output LOW Voltage
IOL = 4.0 mA
–
–
0.3
V
IOH
Output HIGH Current
VOH = VDD - 0.7
−11
–
–
mA
IOL
Output LOW Current
VOL = 0.7
–
–
11
mA
IPWRA
Analog Supply Current
Default settings
–
12
20
mA
IPIX
Pixel Supply Current
Default settings
–
1.1
3
mA
IPWRD
Digital Supply Current
Default settings, CLOAD = 10 pF
–
42
60
mA
ILVDS
LVDS Supply Current
Default settings with LVDS on
–
13
16
mA
IPWRA
Standby
Analog Standby Supply Current
STDBY = VDD
−
0.2
3
mA
IPWRD
Standby
Clock Off
Digital Standby Supply Current with
Clock off
STDBY = VDD, CLKIN = 0 MHz
−
0.1
10
mA
IPWRD
Standby
Clock On
Digital Standby Supply Current with
Clock on
STDBY= VDD, CLKIN = 27 MHz
−
1
2
mA
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
Table 17. DC ELECTRICAL CHARACTERISTICS (VPWR = 3.3 V ± 0.3 V; TA = Ambient = 25 °C)
Symbol
Definition
Condition
Min
Typ
Max
Unit
LVDS DRIVER DC SPECIFICATIONS
|VOD|
Output Differential Voltage
RLOAD = 100W ±1%
250
–
400
mV
|DVOD|
Change in VOD Between Complementary Output States
−
−
50
mV
VOS
Output Offset Voltage
1.0
1.2
1.4
V
DVOS
Pixel Array Current
−
−
35
mV
IOS
Digital Supply Current
±10
mA
IOZ
Output Current When Driver is Tristate
±1
mA
LVDS RECEIVER DC SPECIFICATIONS
VIDTH+
Input Differential
| VGPD| < 925 mV
–100
–
100
mV
Iin
Input Current
–
–
±20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com