Electronic Components Datasheet Search
  English  ▼

X  

MT9V024 Datasheet(PDF) 32 Page - ON Semiconductor

Part # MT9V024
Description  1/3-Inch Wide VGA CMOS Digital Image Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MT9V024 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button MT9V024 Datasheet HTML 28Page - ON Semiconductor MT9V024 Datasheet HTML 29Page - ON Semiconductor MT9V024 Datasheet HTML 30Page - ON Semiconductor MT9V024 Datasheet HTML 31Page - ON Semiconductor MT9V024 Datasheet HTML 32Page - ON Semiconductor MT9V024 Datasheet HTML 33Page - ON Semiconductor MT9V024 Datasheet HTML 34Page - ON Semiconductor MT9V024 Datasheet HTML 35Page - ON Semiconductor MT9V024 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
MT9V024/D
www.onsemi.com
32
Table 18. ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Minimum
Maximum
Unit
VSUPPLY
Power supply voltage (all supplies)
–0.3
4.5
V
ISUPPLY
Total power supply current
–
200
mA
IGND
Total ground current
–
200
mA
VIN
DC input voltage
–0.3
VDD + 0.3
V
VOUT
DC output voltage
–0.3
VDD + 0.3
V
TSTG (Note 7)
Storage temperature
–50
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
7. This is a stress rating only, and functional operation of the device at these other conditions above those indicated in the operational sections
of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Table 19. AC ELECTRICAL CHARACTERISTICS (VPWR = 3.3 V ± 0.3 V; TJ = −40°C to + 105°C; Output Load = 10pF)
Symbol
Definition
Condition
Minimum
Typical
Maximum
Unit
SYSCLK
Input Clock Frequency
13.0
26.6
27.0
MHz
Clock Duty Cycle
45.0
50.0
55.0
%
tR
Input Clock Rise Time
–
3
5
ns
tF
Input Clock Fall Time
–
3
5
ns
tPLHP
SYSCLK to PIXCLK Propagation Delay
CLOAD = 10 pF
4
6
8
ns
tPD
PIXCLK to Valid DOUT(9:0) Propagation Delay
CLOAD = 10 pF
–3
0.6
3
ns
tSD
Data Setup Time
14
16
–
ns
tHD
Data Hold Time
14
16
–
tPFLR
PIXCLK to LV Propagation Delay
CLOAD = 10 pF
5
7
9
ns
tPFLF
PIXCLK to FV Propagation Delay
CLOAD = 10 pF
5
7
9
ns
Propagation Delays for PIXCLK and Data Out Signals
The pixel clock is inverted and delayed relative to the
master clock. The relative delay from the master clock
(SYSCLK) rising edge to both the pixel clock (PIXCLK)
falling edge and the data output transition is typically 7 ns.
Note that the falling edge of the pixel clock occurs at
approximately the same time as the data output transitions.
See Table 16 for data setup and hold times.
Figure 38. Propagation Delays for PIXCLK and Data Out Signals
t
tR
tF
DOUT(9:0)
tPLHP
SYSCLK
PIXCLK
tHD
SD
tPD
PD
DOUT(9:0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com