Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5933
Description  1 MSPS 12-Bit Impedance Converter, Network Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5933 Datasheet HTML 3Page - Analog Devices AD5933 Datasheet HTML 4Page - Analog Devices AD5933 Datasheet HTML 5Page - Analog Devices AD5933 Datasheet HTML 6Page - Analog Devices AD5933 Datasheet HTML 7Page - Analog Devices AD5933 Datasheet HTML 8Page - Analog Devices AD5933 Datasheet HTML 9Page - Analog Devices AD5933 Datasheet HTML 10Page - Analog Devices AD5933 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Preliminary Technical Data
AD5933
Rev. PrA | Page 7 of 20
GENERAL DESCRIPTION
The AD5933 is a high precision impedance converter system
solution which combines an on board frequency generator with
a 12 Bit 1MSPS ADC. The frequency generator allows an
external complex impedance to be excited with a known
frequency. The response signal from the impedance is sampled
by the on board ADC and FFT processed by an on-board DSP
engine. The FFT algorithm returns two Real (R) and Imaginary
(I) data words. The impedance magnitude and phase is easily
calculated using the following equations:
Magnitude =
R + I
22
Phase = Tan (I/R)
-1
To determine the actual real impedance value Z(W) , generally a
frequency sweep is performed. The impedance can be
calculated at each point and a frequency vs magnitude plot can
be created.
Gain
Frequency
Figure 2.
The system allows the user to program a 2V PK-PK sinusoidal
signal as excitation to an external load. Output ranges of 1V,
500mV, 200mV can also be programmed. The signal is provided
on chip using DDS techniques. Frequency resolution of 27 bits
(less than 0.1HZ) can be achieved. The clock for the DDS can
be generated from an external reference clock, an internal RC
oscillator or an internal PLL. The PLL has a gain stage of 520
and typically needs a reference clock of 32KHz on the MCLK
pin.
OUTPUT STAGE
The output stage of the AD5933, shown in diagram below,
provides a constant output frequency or frequency sweep
function which has a programmable output voltage of
2/1/0.5/0.2V. The frequency sweep sequence is pre-progammed
through the I2C interface. An I2C command is used to start the
excitation sequence.
Rgain
Rload
Vdd/8
TF1
Figure 3.
CIRCUIT DESCRIPTION
The AD5933 has a fully integrated Direct Digital Synthesis
(DDS) core to generate required frequencies. The block requires
a reference clock to provide digitally created sine waves up to
50KHz. This is provided through an external reference clock,
MCLK. This clock is internally divided down by 4 to provide
the reference clock or fMCLK to the DDS.
The internal circuitry of the DDS consists of the following main
sections: a Numerical Controlled Oscillator (NCO), a
Frequency Modulator, SIN ROM and a Digital-to-Analog
Converter.
NUMERICAL CONTROLLED OSCILLATOR + PHASE
MODULATOR
The main component of the NCO is a 27-bit phase accumulator
which assembles the phase component of the output signal.
Figure 4
Continuous time signals have a phase range of 0 to 2pi. Outside
this range of numbers, the sinusoid functions repeat themselves
in a periodic manner. The digital implementation is no
different. The accumulator simply scales the range of phase
numbers into a multi-bit digital word. The phase accumulator
in the DDS is implemented with 28 bits. Therefore, 2pi = 227.
Likewise, the DPhase term is scaled into this range of numbers
0 < DPhase < 227 – 1. Making these substitutions into the
equation above
f = DPhase x fMCLK/227
where 0 < DPhase < 227 - 1.
(Note. fmclk = MCLK/4)
The input to the phase accumulator (i.e., the phase step) is
selected from the frequency register. NCOs inherently generate
continuous phase signals, thus avoiding any output
discontinuity when switching between frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com