Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5933
Description  1 MSPS 12-Bit Impedance Converter, Network Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5933 Datasheet HTML 12Page - Analog Devices AD5933 Datasheet HTML 13Page - Analog Devices AD5933 Datasheet HTML 14Page - Analog Devices AD5933 Datasheet HTML 15Page - Analog Devices AD5933 Datasheet HTML 16Page - Analog Devices AD5933 Datasheet HTML 17Page - Analog Devices AD5933 Datasheet HTML 18Page - Analog Devices AD5933 Datasheet HTML 19Page - Analog Devices AD5933 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
AD5933
Preliminary Technical Data
Rev. PrA | Page 20 of 20
OUTLINE DIMENSIONS
16
9
8
1
6.50
6.20
5.90
8.20
7.80
7.40
SEATING
PLANE
0.05 MIN
0.65
BSC
2.00 MAX
0.25
0.09
0.95
0.75
0.55
0.38
0.22
5.60
5.30
5.00
COPLANARITY
0.10
8°
4°
0°
1.85
1.75
1.65
COMPLIANT TO JEDEC STANDARDS MO-150AC
Figure 17 16-Lead Shrink Small Outline Package [SSOP]
(RS-16)
Dimensions shown in millimeters
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
© 2004 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR05324-0-12/04(PrA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com