Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5933
Description  1 MSPS 12-Bit Impedance Converter, Network Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5933 Datasheet HTML 8Page - Analog Devices AD5933 Datasheet HTML 9Page - Analog Devices AD5933 Datasheet HTML 10Page - Analog Devices AD5933 Datasheet HTML 11Page - Analog Devices AD5933 Datasheet HTML 12Page - Analog Devices AD5933 Datasheet HTML 13Page - Analog Devices AD5933 Datasheet HTML 14Page - Analog Devices AD5933 Datasheet HTML 15Page - Analog Devices AD5933 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
AD5933
Preliminary Technical Data
Rev. PrA | Page 12 of 20
Register Name
Reg Add.
Register Data [8Bits]
Read/Write
Register
Register Type
Real Data
94h
D15-D8
Read Only
RAM
95h
D7-D0
Read Only
RAM
Imaginary Data
96h
D15-D8
Read Only
RAM
97h
D7-D0
Read Only
RAM
Checksum
98h
D7-D0
Read Only
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com