Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5933
Description  1 MSPS 12-Bit Impedance Converter, Network Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5933 Datasheet HTML 12Page - Analog Devices AD5933 Datasheet HTML 13Page - Analog Devices AD5933 Datasheet HTML 14Page - Analog Devices AD5933 Datasheet HTML 15Page - Analog Devices AD5933 Datasheet HTML 16Page - Analog Devices AD5933 Datasheet HTML 17Page - Analog Devices AD5933 Datasheet HTML 18Page - Analog Devices AD5933 Datasheet HTML 19Page - Analog Devices AD5933 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD5933
Preliminary Technical Data
Rev. PrA | Page 18 of 20
Figure 15. Reading Register Data
Block Read
In this operation, the master device reads a block of data from a
slave device. The start address for a block read must previously
have been set. This is again done by setting a pointer to set the
RAM/OTP address.
1. The master device asserts a START condition on SDA.
2. The master sends the 7-bit slave address followed by the write
bit (low).
3. The addressed slave device asserts ACK on SDA.
4. The master sends a command code (10100001) that tells the
slave device to expect a block read.
5. The slave asserts ACK on SDA.
6. The master sends a byte count data byte that tells the slave
how many data bytes to expect.
7. The master asserts ACK on SDA.
8 . The master asserts a repeat start condition on SDA. (This is
required to set Read bit high)
9. The master sends the 7-bit slave address followed by the read
bit (high).
10. The slave asserts ACK on SDA.
11. The master receives the data bytes.
12. The master asserts ACK on SDA after each data byte.
14. A NACK is generated after the last byte to signal the end of
the read.
15. The master asserts a STOP condition on SDA to end the
transaction.
BLOCK READ
W A
A
SLAVE
ADDRESS
S
S
R
A
NUMBER
BYTES READ
BYTE0
A
A
A
BYTE1
BYTE2
P
A
S
SLAVE
ADDRESS
Figure 16. Performing a block read
ERROR CORRECTION
P.E.C.
The AD5933 provides the option of issuing a PEC (Packet Error
Correction) byte after all commands. This enables the user to
verify that the data received by or sent from the AD5933 is
correct. The PEC byte is an optional byte sent after that last data
byte has been written to or read from the AD5933. The protocol
is as follows:
1.
The AD5933 issues a PEC byte to the master. The
master should check the PEC byte and issue another block read
if the PEC byte is incorrect.
2.
A NACK is generated after the PEC byte to signal the
end of the read.
3.
The PEC is generated per the following specifications.
Note: The PEC byte is calculated using CRC-8. The Frame
Check Sequence (FCS) conforms to CRC-8 by the polynomial:
()
1
x
x
x
x
C
1
2
8
+
+
+
=
CHECKSUM
A checksum register is available to allow the user to verify the
correct contents of the frequency register, frequency increment
register, and number of increments. The checksum register is
based on a error checking algorithm from the above registers.
TBD. The user reads this checksum register and verifies
contents are correct.
USER COMMAND CODES
These command codes are used for reading/writing to the
interface and the memory. They are further explained in the
appropriate sections but are grouped here for ease of reference.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com