Electronic Components Datasheet Search
  English  ▼

X  

AD5933 Datasheet(PDF) 3 Page - Analog Devices

Part # AD5933
Description  1 MSPS 12-Bit Impedance Converter, Network Analyzer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5933 Datasheet(HTML) 3 Page - Analog Devices

  AD5933 Datasheet HTML 1Page - Analog Devices AD5933 Datasheet HTML 2Page - Analog Devices AD5933 Datasheet HTML 3Page - Analog Devices AD5933 Datasheet HTML 4Page - Analog Devices AD5933 Datasheet HTML 5Page - Analog Devices AD5933 Datasheet HTML 6Page - Analog Devices AD5933 Datasheet HTML 7Page - Analog Devices AD5933 Datasheet HTML 8Page - Analog Devices AD5933 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Preliminary Technical Data
AD5933
Rev. PrA | Page 3 of 20
SPECIFICATIONS
VDD = +3.0 V +/- 10%, TMIN to TMAX unless otherwise noted.
Table 1.
Parameter
B Version1
Min
Typ
Max
Unit
Test Conditions/Comments
System Specs:
Impedance Range
.0001
20
M Ohm
Total System Accuracy
1
%
System ppm
TDB
ppm/oC
MCLK Update Rate
16
MSPS
Output Stage
Frequency Specs
Output Frequency Range
0
50KHz
Hz
Uni-Polar Sinusoidal Signal.
Frequency Resoltuion
27
Bits.
<0.1 Hz Resolution
MCLK
External Rerference Clock. Typically 16.667MHz.
Initial Frequency Accuracy
0.1
Hz
Output Exitation Accuracy. 0 -50KHz Range.
RC OSCILLATOR
Internal RC Oscillator.
Initial Frequency Accuracy
1.5
%
Output Excitation Accuracy. 0 -50KHz Range.
Calibrated Frequency Accuracy
0.1
Hz
0 -50KHz Range.
1 point Offset Calibration
Frequency Tempco
10
ppm/oC
Requires 2 point User Calibration.
Frequency Jitter
TDB
Jitter on VOUT Pin, 30KHz output.
PLL
PLL Gain
512
INPUT CLOCK RANGE
32
KHZ
Frequency Jitter
TDB
Jitter on VOUT Pin, 30KHz output.
Output Voltage Specs
AC Voltage Range
2.0
Volts
Pk-Pk Unipolar Voltage on Output.
Output Voltage Error
TBD
%
Voltage Error on Pk-Pk Output.
DC Bias
Vdd/2
Volts
DC bias of AC Signal
DC Bias Error
TBD
%
Tolerance of DC Bias
AC Voltage Range
1.0
Volts
Pk-Pk Unipolar Voltage on Output.
Output Voltage Error
TBD
%
Voltage Error on Pk-Pk Output.
DC Bias
Vdd/4
Volts
DC bias of AC Signal
DC Bias Error
±1
%
Tolerance of DC Bias
AC Voltage Range
0.4
Volts
Pk-Pk Unipolar Voltage on Output.
Output Voltage Error
TBD
%
Voltage Error on Pk-Pk Output.
DC Bias
Vdd/8
Volts
DC bias of AC Signal
DC Bias Error
TBD
%
Tolerance of DC Bias
AC Voltage Range
0.2
Volts
Pk-Pk Unipolar Voltage on Output.
Output Voltage Error
TBD
%
Voltage Error on Pk-Pk Output.
DC Bias
Vdd/16
Volts
DC bias of AC Signal
DC Bias Error
TBD
%
Tolerance of DC Bias
DC Output Impedance
120
Ohm
Short Circuit Current
75
mA
At 3 Volts.
Short Circuit Current
100
mA
At 5 Volts.
AC Characteristics
Signal to Noise Ratio
60
db
Total Harmonic Distortion
-66
db
Spurious free Dynamic Range
Wideband
60
db



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com