Electronic Components Datasheet Search
  English  ▼

X  

ADD8704 Datasheet(PDF) 5 Page - Analog Devices

Part # ADD8704
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704 Datasheet(HTML) 5 Page - Analog Devices

  ADD8704 Datasheet HTML 1Page - Analog Devices ADD8704 Datasheet HTML 2Page - Analog Devices ADD8704 Datasheet HTML 3Page - Analog Devices ADD8704 Datasheet HTML 4Page - Analog Devices ADD8704 Datasheet HTML 5Page - Analog Devices ADD8704 Datasheet HTML 6Page - Analog Devices ADD8704 Datasheet HTML 7Page - Analog Devices ADD8704 Datasheet HTML 8Page - Analog Devices ADD8704 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADD8704
Rev. 0 | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Table 3. ADD8704 Stress Ratings1
Parameter
Rating
Supply Voltage (VS)
18 V
Input Voltage
–0.5 V to VS + 0.5 V
Differential Input Voltage
VS
Storage Temperature Range
–65°C to +150°C
Operating Temperature Range
–40°C to +85°C
Junction Temperature Range
–65°C to +150°C
Lead Temperature Range
300°C
ESD Tolerance (HBM)
±1500 V
ESD Tolerance (MM)
175 V
Table 4. Package Characteristics
Package Type
θJA2
θJC
Unit
14-Lead TSSOP (RU)
180
35
°C/W
16-Lead LFCSP (CP)
383
303
°C/W
1 Stresses above those listed under Absolute Maximum Ratings may cause
permanent damage to the device. This is a stress rating only; functional
operation of the device at these or any other conditions above those
indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
2 θJA is specified for worst-case conditions, i.e., θJA is specified for devices
soldered onto a circuit board for surface-mount packages.
3 DAP is soldered down to PCB.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this part features proprietary
ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of
functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com