Electronic Components Datasheet Search
  English  ▼

X  

ADD8704 Datasheet(PDF) 11 Page - Analog Devices

Part # ADD8704
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADD8704 Datasheet HTML 7Page - Analog Devices ADD8704 Datasheet HTML 8Page - Analog Devices ADD8704 Datasheet HTML 9Page - Analog Devices ADD8704 Datasheet HTML 10Page - Analog Devices ADD8704 Datasheet HTML 11Page - Analog Devices ADD8704 Datasheet HTML 12Page - Analog Devices ADD8704 Datasheet HTML 13Page - Analog Devices ADD8704 Datasheet HTML 14Page - Analog Devices ADD8704 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ADD8704
TIME (2
µs/DIV)
VDD = 16V
RL = 2kΩ
CL = 100pF
Figure 33. Large Signal Transient Response
FREQUENCY (Hz)
05
–10
30
20
10
0
50
40
60
70
10
15
20
25
VS = 16V
MARKER SET @ 10kHz
MARKER READING = 25.7nV/ Hz
CHANNEL A, B, C
Figure 34. Voltage Noise Density vs. Frequency
FREQUENCY (Hz)
05
–10
0
20
30
10
50
60
40
70
10
15
20
25
VS = 16V
MARKER SET @ 10kHz
MARKER READING = 36.6nV/ Hz
CHANNEL D
Figure 35. Voltage Noise Density vs. Frequency
Rev. 0 | Page 11 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com