Electronic Components Datasheet Search
  English  ▼

X  

ADD8704 Datasheet(PDF) 9 Page - Analog Devices

Part # ADD8704
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADD8704 Datasheet HTML 5Page - Analog Devices ADD8704 Datasheet HTML 6Page - Analog Devices ADD8704 Datasheet HTML 7Page - Analog Devices ADD8704 Datasheet HTML 8Page - Analog Devices ADD8704 Datasheet HTML 9Page - Analog Devices ADD8704 Datasheet HTML 10Page - Analog Devices ADD8704 Datasheet HTML 11Page - Analog Devices ADD8704 Datasheet HTML 12Page - Analog Devices ADD8704 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ADD8704
FREQUENCY (Hz)
100
0
10
20
30
50
40
1k
1M
100k
10k
10M
AV = 100
AV = 10
AV = 1
VS = 16V
RL = 10kΩ
CL = 40pF
Figure 21. Closed-Loop Gain vs. Frequency
FREQUENCY (Hz)
100
0
6
4
2
12
10
8
16
14
10k
1k
100k
1M
10M
VS = 16V
RL = 10kΩ
AV = 1
Figure 22. Output Swing vs. Frequency
FREQUENCY (Hz)
100
0
225
300
150
75
450
525
600
375
675
10k
1k
100k
1M
10M
AV = 1
VS = 4.5V
VS = 16V
Figure 23. Impedance vs. Frequency
FREQUENCY (Hz)
100
1k
0
120
10k
100k
1M
10M
80
100
60
40
20
VS = 16V
Figure 24. Common-Mode Rejection vs. Frequency
FREQUENCY (Hz)
100
0
20
60
40
80
100
1k
100k
1M
10k
10M
VS = 16V
+PSRR
PSRR
Figure 25. Common-Mode Rejection vs. Frequency
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
50
60
70
80
90
100
100
1k
10k
–OS
+OS
VS = ±8V
VIN = ±50mV
AV = 1
RL = 2kΩ
Figure 26. Overshoot vs. Capacitive Load
Rev. 0 | Page 9 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com