Electronic Components Datasheet Search
  English  ▼

X  

ADD8704 Datasheet(PDF) 10 Page - Analog Devices

Part # ADD8704
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADD8704 Datasheet HTML 6Page - Analog Devices ADD8704 Datasheet HTML 7Page - Analog Devices ADD8704 Datasheet HTML 8Page - Analog Devices ADD8704 Datasheet HTML 9Page - Analog Devices ADD8704 Datasheet HTML 10Page - Analog Devices ADD8704 Datasheet HTML 11Page - Analog Devices ADD8704 Datasheet HTML 12Page - Analog Devices ADD8704 Datasheet HTML 13Page - Analog Devices ADD8704 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADD8704
FREQUENCY (Hz)
100k
–50
–30
–20
–40
–10
0
10
20
1M
10M
30M
RL = 10kΩ
540pF
1040pF
100pF
50pF
Figure 27.Gain vs. Capacitive Load
FREQUENCY (Hz)
100k
–30
–15
–20
–25
5
0
–5
–10
20
15
10
1M
10M
100M
150
Ω
1k
Ω
2k
Ω
10k
Ω
VS = 16V
Figure 28. Gain vs. Resistive Load
TIME (ns)
–200
0
1
2
3
4
5
6
7
8
9
10
11
200
600
1000
1400
1800
120pF
320pF
520pF
1nF
10nF
VS = 16V
Figure 29. Transient Load Response
TIME (40
µs/DIV)
Figure 30. No Phase Reversal
TIME (0.2
µs/DIV)
VS = 16V
RL = 2kΩ
CLOAD = 100pF
Figure 31. Small-Signal Transient Response
TIME (20
µs/DIV)
VS = 16V
ROUT SERIES = 33Ω
CLOAD = 0.1µF
Figure 32. Small-Signal Transient Response
Rev. 0 | Page 10 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com