Electronic Components Datasheet Search
  English  ▼

X  

ADD8704 Datasheet(PDF) 12 Page - Analog Devices

Part # ADD8704
Description  16 V Quad Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADD8704 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADD8704 Datasheet HTML 8Page - Analog Devices ADD8704 Datasheet HTML 9Page - Analog Devices ADD8704 Datasheet HTML 10Page - Analog Devices ADD8704 Datasheet HTML 11Page - Analog Devices ADD8704 Datasheet HTML 12Page - Analog Devices ADD8704 Datasheet HTML 13Page - Analog Devices ADD8704 Datasheet HTML 14Page - Analog Devices ADD8704 Datasheet HTML 15Page - Analog Devices ADD8704 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADD8704
APPLICATION INFORMATION
THEORY
The ADD8704 is designed for use in LCD gamma correction
circuits. Depending on the panel architecture, between 4 and 18
different gamma voltages may be needed. These gamma
voltages provide the reference voltages for the column driver
RDACs. Due to the capacitive nature of LCD panels, it is
necessary for these drivers to provide high capacitive load drive.
In addition to providing gamma reference voltages, these parts
are also capable of providing the VCOM voltage. VCOM is the
center voltage common to all the LCD pixels. Since the VCOM
circuit is common to all the pixels in the panel, the VCOM driver
is designed to supply continuous currents up to 35 mA.
INPUT
The ADD8704 has four amplifiers specifically designed for the
needs of an LCD panel. F
shows a typical gamma
correction curve for a normally white twisted nematic LCD
panel. The symmetric curve comes from the need to reverse the
polarity on the LC pixels to avoid “burning” in the image. The
application therefore requires gamma voltages that come close
to both supply rails. To accommodate this transfer function, the
ADD8704 has been designed to have four different amplifiers in
one package.
igure 36
Figure 36. LCD Gamma Correction Curve
GRAY SCALE BITS
016
32
48
64
VDD
VG2
VG1
VG3
VG4
VG5
VG6
VG7
VG8
VG9
VG10
VSS
Amplifier A has a single-supply PNP input stage followed by a
folded cascode stage. This provides an input range that goes to
the bottom rail. This amplifier can therefore be used to provide
the bottom voltage on the RDAC string.
Amplifier B (PNP folded cascode) swings to the low rail as well,
but it provides 35 mA continuous output current versus 15 mA.
This buffer is suitable for lower RDAC range, middle RDAC
range, or VCOM applications.
Amplifier C is a rail-to-rail input range that makes the
ADD8704 suitable for use anywhere on the RDAC as well as for
VCOM applications.
Amplifier D has an NPN follower input stage. This covers the
upper rail to GND plus 1.7 V. This amplifier is suitable for the
upper range of the RDAC.
OUTPUT
The outputs of the amplifiers have been designed to match the
performance needs of the gamma correction circuit. All four of
the amplifiers have rail-to-rail outputs, but the current drive
capabilities differ. Since amplifier A is suited for voltages close
to VSS (GND), the output is designed to sink more current than
it sources; it can sink 15 mA of continuous current. Likewise,
since amplifier D is primarily used for voltages close to VDD, it
sources more current. Amplifier D can source 15 mA of
continuous current. Amplifiers B and C are designed for use as
either midrange gamma or VCOM amplifiers. They therefore sink
and source equal amounts of current. Since they are used as
VCOM amplifiers, they have a drive capability of up to 35 mA of
continuous current.
The nature of LCD panels introduces a large amount of
parasitic capacitance from the column drivers as well as the
capacitance associated with the liquid crystals via the common
plane. This makes capacitive drive capability an important
factor when designing the gamma correction circuit.
IMPORTANT NOTE
Because of the asymmetric nature of amplifiers A and D, care
must be taken to connect an input that forces the amplifiers to
operate in their most productive output states. Amplifier D has
very limited sink capabilities, while amplifier A does not source
well. If more than one ADD8704 is used, set the amplifier D
input to enable the amplifier output to source current and set
the amplifier A input to force a sinking output current. This
means making sure the input is above the midpoint of the
common-mode input range for amplifier D and below the
midpoint for amplifier A. Mathematically speaking, make sure
VIN > VS/2 for amplifier D and VIN < VS/2 for amplifier A.
Figure 37 shows an example using 4 ADD8704s to generate 10
gamma outputs. Note that the top three resistor tap-points are
connected to the amplifier D inputs, thus assuring these
channels will source current. Likewise, the bottom three resistor
tap-points are connected to the amplifier A inputs to provide
sinking output currents.
Rev. 0 | Page 12 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com