Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7760
Description  Sigma-Delta ADC with On-Chip Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7760 Datasheet HTML 3Page - Analog Devices AD7760 Datasheet HTML 4Page - Analog Devices AD7760 Datasheet HTML 5Page - Analog Devices AD7760 Datasheet HTML 6Page - Analog Devices AD7760 Datasheet HTML 7Page - Analog Devices AD7760 Datasheet HTML 8Page - Analog Devices AD7760 Datasheet HTML 9Page - Analog Devices AD7760 Datasheet HTML 10Page - Analog Devices AD7760 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
AD7760
Rev. A | Page 6 of 36
TIMING SPECIFICATIONS
AVDD1 = DVDD = VDRIVE = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, TA = 25°C, normal mode, unless otherwise noted.
Table 3.
Parameter
Limit at TMIN, TMAX
Unit
Description
fMCLK
1
MHz min
Applied master clock frequency
40
MHz max
fICLK
500
kHz min
Internal modulator clock derived from MCLK
20
MHz max
t11, 2
0.5 × tICLK
typ
DRDY pulse width
t2
10
ns min
DRDY falling edge to CS falling edge
t3
3
ns min
RD/WR setup time to CS falling edge
t4
(0.5 × tICLK) + 16 ns
max
Data access time
t5
tICLK
min
CS low read pulse width
t6
tICLK
min
CS high pulse width between reads
t7
3
ns min
RD/WR hold time to CS rising edge
t8
11
ns max
Bus relinquish time
t92
0.5 × tICLK
typ
DRDY high period
t102
0.5 × tICLK
typ
DRDY low period
t11
(0.5 × tICLK) + 16 ns
max
Data access time
t123, 4
23
ns min
Data valid prior to DRDY rising edge
t133, 4
19
ns min
Data valid after DRDY rising edge
t14
11
ns max
Bus relinquish time
t15
4 × tICLK
min
CS low write pulse width
t16
4 × tICLK
min
CS high period between address and data
t17
5
ns min
Data setup time
t18
0
ns min
Data hold time
t194, 5
23
ns min
Data valid prior to MCLK falling edge while DRDY is logic low
t204, 5
19
ns min
Data valid after MCLK falling edge while DRDY is logic low
1 tICLK = 1/fICLK.
2 When ICLK = MCLK, DRDY pulse width depends on the mark-space ratio of applied MCLK.
3 Valid when using the modulator output mode with CDIV = 1.
4 See the Modulator Data Output Mode section for timing diagrams.
5 Valid when using the modulator output mode with CDIV = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com