Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 33 Page - Analog Devices

Part # AD7760
Description  Sigma-Delta ADC with On-Chip Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 33 Page - Analog Devices

Back Button AD7760 Datasheet HTML 29Page - Analog Devices AD7760 Datasheet HTML 30Page - Analog Devices AD7760 Datasheet HTML 31Page - Analog Devices AD7760 Datasheet HTML 32Page - Analog Devices AD7760 Datasheet HTML 33Page - Analog Devices AD7760 Datasheet HTML 34Page - Analog Devices AD7760 Datasheet HTML 35Page - Analog Devices AD7760 Datasheet HTML 36Page - Analog Devices AD7760 Datasheet HTML 37Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
AD7760
Rev. A | Page 32 of 36
Table 13 shows the hexadecimal values (in sign-and-magnitude
format) that are downloaded to the AD7760 to realize this filter.
The table is also split into the bytes that are summed to produce
the checksum. The checksum generated from these coefficients
is 0x0E6B.
Table 13. Filter Hexadecimal Values
Word 1
Word 2
Coefficient
Byte 1
Byte 2
Byte 3
Byte 4
1
03
2B
96
88
2
01
BF
18
3C
3
00
15
66
26
4
04
A8
1E
6A
5
04
5F
2A
96
6
00
2C
49
C2
7
00
50
E9
F6
8
00
10
DB
D8
9
04
2F
DE
54
10
04
37
44
5A
11
04
1B
7D
6E
12
04
04
3B
5F
Table 14 lists the 16-bit words the user would write to the
AD7760 to set up the ADC and download this filter, assuming
an output data rate of 1.25 MHz has been selected.
Table 14. Sequence of Write Instructions to Set Up Device
and Download the Filter Example
Word
Description
0x0001
Address of Control Register 1.
0x8079
Control register data. DL filter: set filter length = 24,
set output data rate = 1.25 MHz.
0x032B
First coefficient, Word 1.
0x9688
First coefficient, Word 2.
0x01BF
Second coefficient, Word 1.
0x183C
Second coefficient, Word 2.
…
Other coefficients.
0x0404
Twelfth (final) coefficient, Word 1.
0x3B5F
Final coefficient, Word 2.
0x0E6B
Checksum. Wait (0.5 × tICLK × number of unused
coefficients) for AD7760 to write 0s to the remaining
unused coefficients.
0x0001
Address of control register.
0x0879
Control register data. Set read status and maintain
filter length and decimation settings. Read contents
of status register. Check Bit 7 (DL_OK) to determine
if the filter was downloaded correctly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com