Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7760
Description  Sigma-Delta ADC with On-Chip Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7760 Datasheet HTML 7Page - Analog Devices AD7760 Datasheet HTML 8Page - Analog Devices AD7760 Datasheet HTML 9Page - Analog Devices AD7760 Datasheet HTML 10Page - Analog Devices AD7760 Datasheet HTML 11Page - Analog Devices AD7760 Datasheet HTML 12Page - Analog Devices AD7760 Datasheet HTML 13Page - Analog Devices AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
AD7760
Rev. A | Page 10 of 36
Pin No.
Mnemonic
Description
30
DECAPB
Decoupling Pin. A 33 pF capacitor must be inserted between this pin and AGND3.
17
RBIAS
Bias Current Setting Pin. A resistor must be inserted between this pin and AGND. For more details, see the
Bias Resistor Selection section.
45 to 52,
54 to 61
DB15:DB8,
DB7:DB0
16-Bit Bidirectional Data Bus. These are three-state pins that are controlled by the CS pin and the RD/WR
pin. The operating voltage for these pins is determined by the VDRIVE voltage. See the Modulator Data
Output Mode and AD7760 Interface sections for more details.
37
RESET
A falling edge on this pin resets all internal digital circuitry and powers down the part. Holding this pin low
keeps the AD7760 in a reset state.
3
MCLK
Master Clock Input. A low jitter, buffered digital clock must be applied to this pin. The output data rate
depends on the frequency of this clock. See the Clocking the AD7760 section for more details.
2
MCLKGND
Master Clock Ground Sensing Pin.
36
SYNC
Synchronization Input. A falling edge on this pin resets the internal filter. This can be used to synchronize
multiple devices in a system. See the Synchronization section for more details.
39
RD/WR
Read/Write Input. This pin, in conjunction with the chip select pin, is used to read and write data to and
from the AD7760. If this pin is low when CS is low, a read takes place. If this pin is high when CS is low, a
write occurs. See the Modulator Data Output Mode and AD7760 Interface sections for more details.
38
DRDY
Data Ready Output. Each time new conversion data is available, an active low pulse, ½ ICLK period wide, is
produced on this pin. See the Modulator Data Output Mode and AD7760 Interface sections for more details.
40
CS
Chip Select Input. Used in conjunction with the RD/WR pin to read and write data from and to the AD7760.
See the Modulator Data Output Mode and AD7760 Interface sections for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com