Electronic Components Datasheet Search
  English  ▼

X  

AD7760 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7760
Description  Sigma-Delta ADC with On-Chip Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7760 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7760 Datasheet HTML 12Page - Analog Devices AD7760 Datasheet HTML 13Page - Analog Devices AD7760 Datasheet HTML 14Page - Analog Devices AD7760 Datasheet HTML 15Page - Analog Devices AD7760 Datasheet HTML 16Page - Analog Devices AD7760 Datasheet HTML 17Page - Analog Devices AD7760 Datasheet HTML 18Page - Analog Devices AD7760 Datasheet HTML 19Page - Analog Devices AD7760 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
AD7760
Rev. A | Page 15 of 36
0
–160
995
1005
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
997
999
1001
1003
TONE A: 999.75kHz
TONE B: 1.00025MHz
THIRD-ORDER
IMD: –89.15dB
Figure 23. Normal Mode IMD, 1 MHz Center Frequency, 8× Decimation
100.5
96.5
0
40
MCLK FREQUENCY (MHz)
100.0
99.5
99.0
98.5
98.0
97.5
97.0
10
20
30
LOW POWER MODE
NORMAL MODE
Figure 24. SNR vs. MCLK Frequency, 8× Decimation, −6 dB, 1 kHz Input Tone
120
95
0
256
DECIMATION RATE
115
110
105
100
64
128
192
–0.5dB
–6dB
–60dB
Figure 25. Normal Mode SNR vs. Decimation Rate, 1 kHz Input Tone
0
–160
995
1005
FREQUENCY (kHz)
–20
–40
–60
–80
–100
–120
–140
997
999
1001
1003
TONE A: 999.75kHz
TONE B: 1.00025MHz
THIRD-ORDER
IMD: –87.67dB
Figure 26. Normal Mode IMD, 1 MHz Center Frequency, 8× Decimation
–105
–117
0
40
MCLK FREQUENCY (MHz)
–107
–109
–111
–113
–115
10
20
30
NORMAL MODE
LOW POWER MODE
Figure 27. THD vs. MCLK Frequency, 8× Decimation, −6 dB, 1 kHz Input Tone
116
96
0
256
DECIMATION RATE
112
108
104
100
64
128
192
–0.5dB
–6dB
–60dB
Figure 28. Low Power SNR vs. Decimation Rate, 1 kHz Input Tone



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com