Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7760EB Datasheet(PDF) 28 Page - Analog Devices

Part # EVAL-AD7760EB
Description  Sigma-Delta ADC with On-Chip Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7760EB Datasheet(HTML) 28 Page - Analog Devices

Back Button EVAL-AD7760EB Datasheet HTML 24Page - Analog Devices EVAL-AD7760EB Datasheet HTML 25Page - Analog Devices EVAL-AD7760EB Datasheet HTML 26Page - Analog Devices EVAL-AD7760EB Datasheet HTML 27Page - Analog Devices EVAL-AD7760EB Datasheet HTML 28Page - Analog Devices EVAL-AD7760EB Datasheet HTML 29Page - Analog Devices EVAL-AD7760EB Datasheet HTML 30Page - Analog Devices EVAL-AD7760EB Datasheet HTML 31Page - Analog Devices EVAL-AD7760EB Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
AD7760
Rev. A | Page 27 of 36
To obtain maximum performance from the AD7760, it is
advisable to drive the ADC with differential signals. Figure 53
shows how a bipolar, single-ended signal biased around ground
can drive the AD7760 with the use of an external op amp, such
as the AD8021.
A1
RIN
RFB
CFB
RIN
RM
RM
CS
RFB
CFB
VIN–
VIN
VIN+
AD8021
2R
2R
R
Figure 53. Single-Ended-to-Differential Conversion
The AD7760 employs a double-sampling front end, as shown in
Figure 54. For simplicity, only the equivalent input circuit for VIN+
is shown. The equivalent input circuitry for VIN− is the same.
CS2
CPB2
SS4
SH4
CPA
SS2
SH2
CS1
CPB1
SS3
SH3
SS1
SH1
ANALOG
MODULATOR
VIN+
Figure 54. Equivalent Input Circuit
Sampling Switches SS1 and SS3 are driven by ICLK, whereas
Sampling Switches SS2 and SS4 are driven by ICLK. When ICLK is
high, the analog input voltage is connected to CS1. On the falling
edge of ICLK, the SS1 and SS3 switches open and the analog input
is sampled on CS1. Similarly, when ICLK is low, the analog input
voltage is connected to CS2. On the rising edge of ICLK, the SS2
and SS4 switches open and the analog input is sampled
on CS2.
Capacitors CPA, CPB1, and CPB2 represent parasitic capacitances
that include the junction capacitances associated with the MOS
switches.
Table 9. Equivalent Component Values
Mode
CS1 (pF)
CS2 (pF)
CPA (pF)
CPB1/2 (pF)
Normal
51
51
12
20
Low Power
13
13
12
5
USING THE AD7760
The following is the recommended sequence for powering up
and using the AD7760:
1.
Apply power.
2.
Start the clock oscillator, applying MCLK.
3.
Take RESET low for a minimum of one MCLK cycle.
4.
Wait a minimum of two MCLK cycles after RESET has
been released.
5.
Write to Control Register 2 to power up the ADC and the
differential amplifier as required. The correct clock divider
(CDIV) ratio should be programmed at this time.
6.
Write to Control Register 1 to set the output data rate.
7.
Wait a minimum of five MCLK cycles after CS has been
released.
8.
Take SYNC low for a minimum of four MCLK cycles, if
required, to synchronize multiple parts.
Data can then be read from the part using the default filter,
offset, gain, and overrange threshold values. The conversion
data read is not valid, however, until the group delay of the filter
has elapsed. Once this has occurred, the DVALID bit read with
the data LSW is set, indicating that the data is indeed valid.
The user can then download a different filter if required (see the
Downloading a User-Defined Filter section). Values for gain,
offset, and overrange threshold registers can be written or read
at this stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com