Electronic Components Datasheet Search
  English  ▼

X  

EVAL-AD7760EB Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-AD7760EB
Description  Sigma-Delta ADC with On-Chip Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7760EB Datasheet(HTML) 1 Page - Analog Devices

  EVAL-AD7760EB Datasheet HTML 1Page - Analog Devices EVAL-AD7760EB Datasheet HTML 2Page - Analog Devices EVAL-AD7760EB Datasheet HTML 3Page - Analog Devices EVAL-AD7760EB Datasheet HTML 4Page - Analog Devices EVAL-AD7760EB Datasheet HTML 5Page - Analog Devices EVAL-AD7760EB Datasheet HTML 6Page - Analog Devices EVAL-AD7760EB Datasheet HTML 7Page - Analog Devices EVAL-AD7760EB Datasheet HTML 8Page - Analog Devices EVAL-AD7760EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
2.5 MSPS, 24-Bit, 100 dB
Sigma-Delta ADC with On-Chip Buffer
AD7760
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
120 dB dynamic range at 78 kHz output data rate
100 dB dynamic range at 2.5 MHz output data rate
112 dB SNR at 78 kHz output data rate
100 dB SNR at 2.5 MHz output data rate
2.5 MHz maximum fully filtered output word rate
Programmable oversampling rate (8× to 256×)
Fully differential modulator input
On-chip differential amplifier for signal buffering
Low-pass finite impulse response (FIR) filter with default or
user-programmable coefficients
Modulator output mode
Overrange alert bit
Digital offset and gain correction registers
Filter bypass modes
Low power and power-down modes
Synchronization of multiple devices via SYNC pin
APPLICATIONS
Data acquisition systems
Vibration analysis
Instrumentation
FUNCTIONAL BLOCK DIAGRAM
AD7760
VIN+
VIN–
AVDD1
AGND
MCLK
DGND
VDRIVE
AVDD2
AVDD3
AVDD4
DVDD
DECAPA/B
RBIAS
DB0 TO DB15
CS
DRDY
RD/WR
CONTROL LOGIC
I/O
OFFSET AND GAIN
REGISTERS
DIFF
MULTIBIT
-
MODULATOR
RECONSTRUCTION
VREF+
FIR FILTER
ENGINE
PROGRAMMABLE
DECIMATION
BUF
SYNC
RESET
Figure 1.
GENERAL DESCRIPTION
The AD7760 is a high performance, 24-bit Σ-Δ analog-to-digital
converter (ADC). It combines wide input bandwidth and high
speed with the benefits of Σ-Δ conversion to achieve a perfor-
mance of 100 dB SNR at 2.5 MSPS, making it ideal for high
speed data acquisition. Wide dynamic range combined with
significantly reduced antialiasing requirements simplify the
design process. An integrated buffer to drive the reference, a
differential amplifier for signal buffering and level shifting, an
overrange flag, internal gain and offset registers, and a low-pass
digital FIR filter make the AD7760 a compact, highly integrated
data acquisition device requiring minimal peripheral component
selection. In addition, the device offers programmable decimation
rates, and the digital FIR filter can be adjusted if the default
characteristics are not appropriate for the application. The
AD7760 is ideal for applications demanding high SNR
without a complex front-end signal processing design.
The differential input is sampled at up to 40 MSPS by an analog
modulator. The modulator output is processed by a series of low-
pass filters, with the final filter having default or user-programmable
coefficients. The sample rate, filter corner frequencies, and output
word rate are set by a combination of the external clock frequency
and the configuration registers of the AD7760.
The reference voltage supplied to the AD7760 determines the
analog input range. With a 4 V reference, the analog input range
is ±3.2 V differential biased around a common mode of 2 V.
This common-mode biasing can be achieved using the on-chip
differential amplifier, further reducing the external signal
conditioning requirements.
The AD7760 is available in an exposed paddle, 64-lead TQFP
and is specified over the industrial temperature range from
−40°C to +85°C.
Table 1. Related Devices
Part No.
Description
AD7762
24-bit, 625 kSPS, 109 dB, Σ-∆ parallel interface
AD7763
24-bit, 625 kSPS, 109 dB, Σ-∆ serial interface


Similar Part No. - EVAL-AD7760EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7760EDZ AD-EVAL-AD7760EDZ Datasheet
2Mb / 23P
AD7760/AD7762 Evaluation Board using EVAL-CED1Z
Rev. PrB
More results

Similar Description - EVAL-AD7760EB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7729 AD-AD7729 Datasheet
142Kb / 16P
Dual Sigma-Delta ADC with Auxiliary DAC
REV.0
AD7760 AD-AD7760_15 Datasheet
958Kb / 37P
2.5 MSPS, 24-Bit, 100 dB Sigma-Delta ADC with On-Chip Buffer
REV. A
AD7762 AD-AD7762_15 Datasheet
799Kb / 29P
625 kSPS, 24-Bit, 109 dB Sigma-Delta ADC With On-Chip Buffer
REV. A
AD7192 AD-AD7192_17 Datasheet
559Kb / 41P
Sigma-Delta ADC with PGA
23-Feb-2017
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
AD7765 AD-AD7765_17 Datasheet
881Kb / 33P
Sigma-Delta ADC On-Chip Buffers and Serial Interface
23-Feb-2017
AD7762 AD-AD7762_17 Datasheet
619Kb / 29P
Sigma-Delta ADC With On-Chip Buffer
23-Feb-2017
AD7763 AD-AD7763_17 Datasheet
642Kb / 33P
Sigma-Delta ADC with On-Chip Buffers, Serial Interface
1/14-Rev. A to Rev. B
AD7729 AD-AD7729_17 Datasheet
177Kb / 17P
Dual Sigma-Delta ADC with Auxiliary DAC
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com